Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PLC44A-R Datasheet(PDF) 14 Page - InnovASIC, Inc

Part # IA82527-PLC44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PLC44A-R Datasheet(HTML) 14 Page - InnovASIC, Inc

Back Button IA82527-PLC44A-R Datasheet HTML 10Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 11Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 12Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 13Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 14Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 15Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 16Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 17Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 18Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 14 of 45
1-888-824-4184
©
Table 3. IA82527 Pin/Signal Descriptions, continued
Pin
Signal
Name
PLCC
QFP
Description
p1.0
ad8/d0/p1.0
38
32
p1.1
ad9/d1/p1.1
37
31
p1.2
ad10/d2/p1.2
36
30
p1.3
ad11/d3/p1.3
35
29
p1.4
ad12/d4/p1.4
34
28
p1.5
ad13/d5/p1.5
33
27
p1.6
ad14/d6/p1.6
32
26
p1.7
ad15/d7/p1.7
31
25
port 1, bit N (N = 7–0). Input/Output (general-purpose). Mode 0,
Mode 2, and Serial Interface Mode.
Port 1 bits p1.7–p1.0 can be individually programmed as inputs or
outputs. Programming is accomplished by writing to the P1CONF
Register (9FH). The 8 bits of the P1CONF Register, P1CONF7–
P1CONF0, correspond directly to pins p1.7–p1.0. Writing a 0 to a bit
in the P1CONF Register causes the corresponding pin to be
configured as a high-impedance input. Writing a 1 to a bit in the
P1CONF Register causes the corresponding pin to be configured as
a push-pull output. All Port 1 pins have weak pull-ups until the port is
configured by writing to the P1CONF Register. The default value of
the P1CONF Register following a reset is 00H.
Data are read from Port 1 via the P1IN Register (BFH). A logic 0 for
any bit in this register means that a logic 0 was read from the
corresponding pin; a logic 1 for any bit means that a logic 1 was read
from the corresponding pin. The default value of the P1IN Register
following a reset is FFH.
Data are written to Port 1 via the P1OUT Register (DFH). Writing a
logic 0 to any bit in this register means that a logic 0 is written to the
corresponding pin; writing a logic 1 to any bit means that a logic 1 is
written to the corresponding pin. The default value of the P1OUT
Register following a reset is 00H.
p2.0
—
17
11
p2.1
—
16
10
p2.2
—
15
9
p2.3
—
14
8
p2.4
—
13
7
p2.5
—
12
6
p2.6
int_n/p2.6
11
5
p2.7
wrh_n/p2.7
10
4
port 2, bit N (N = 7–0). Input/Output.
Port 2 bits p2.7–p2.0, can be individually programmed as inputs or
outputs. Programming is accomplished by writing to the P2CONF
Register (AFH). The 8 bits of the P2CONF Register, P2CONF7–
P2CONF0, correspond directly to pins p2.7–p2.0. Writing a 0 to a bit
in the P2CONF Register causes the corresponding pin to be
configured as a high-impedance input. Writing a 1 to a bit in the
P2CONF Register causes the corresponding pin to be configured as
a push-pull output. All Port 2 pins have weak pull-ups until the port is
configured by writing to the P2CONF Register. The default value of
the P1CONF Register following a reset is 00H.
Data are read from Port 2 via the P2IN Register (CFH). A logic 0 for
any bit in this register means that a logic 0 was read from the
corresponding pin; a logic 1 for any bit means that a logic 1 was read
from the corresponding pin. The default value of the P2IN Register
following a reset is FFH.
Data are written to Port 2 via the P2OUT Register (EFH). Writing a
logic 0 to any bit in this register means that a logic 0 is written to the
corresponding pin; writing a logic 1 to any bit means that a logic 1 is
written to the corresponding pin. The default value of the P2OUT
Register following a reset is 00H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com