Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PLC44A-R Datasheet(PDF) 16 Page - InnovASIC, Inc

Part # IA82527-PLC44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PLC44A-R Datasheet(HTML) 16 Page - InnovASIC, Inc

Back Button IA82527-PLC44A-R Datasheet HTML 12Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 13Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 14Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 15Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 16Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 17Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 18Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 19Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 20Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 16 of 45
1-888-824-4184
©
Table 3. IA82527 Pin/Signal Descriptions, continued
Pin
Signal
Name
PLCC
QFP
Description
ste
a3/ad3/ste
43
37
synchronization transmission enable. Input. Serial interface Mode.
The logic level at the ste pin enables the transmission of the
synchronization bytes through the IA82527 miso pin while the master
device transmits the Address and Control Byte as follows:
•
When a logic 0 is placed on the ste pin, the synchronization
bytes sent through the miso pin are 00H and 00H.
•
When a logic 1 is placed on the ste pin, the synchronization
bytes sent through the miso pin are AAH and 55H.
The IA82527 sends the synchronization bytes after the cs_n signal
has been asserted (low).
tx0
—
26
20
tx1
—
25
19
Transmit (tx), lines 0 and 1. Output (push-pull).
Pins tx0 and tx1 are the outputs from the IA82527 to the Controller
Area Network (CAN) bus lines.
During a recessive bit, tx0 is high and tx1 is low. During a dominant
bit, tx0 is low and tx1 is high.
VCC
—
1
39
Power (VCC).
This pin provides power for the IA82527 device. It must be
connected to a +5V DC power source.
VCC/2
int_n/ VCC/2
24
18
Reference Voltage, ISO Physical Layer (VCC/2). Output.
The VCC/2 pin provides a reference voltage for the ISO low-speed
physical layer:
•
2.
38V DC (minimum) to 2.60V DC (maximum)
(VCC = +5.00V; IOUT ≤ 75 µA)
This pin only functions as VCC/2 when the MUX bit of the CPU
Interface Register (02H) is 1.
VSS1
—
23
17
Ground, Digital (VSS1).
This pin provides the digital ground (0V) for the IA82527. It must be
connected to a VSS board plane.
VSS2
—
20
14
Ground, Analog (VSS2).
This pin provides the ground (0V) for the IA82527 analog comparator.
It must be connected to a VSS board plane.
continued
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com