Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PLC44A-R Datasheet(PDF) 40 Page - InnovASIC, Inc

Part # IA82527-PLC44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PLC44A-R Datasheet(HTML) 40 Page - InnovASIC, Inc

Back Button IA82527-PLC44A-R Datasheet HTML 36Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 37Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 38Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 39Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 40Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 41Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 42Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 43Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 44Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 40 of 45
1-888-824-4184
©
Table 12. Serial Interface Mode Timing
Symbol
Parameter
Minimum
Maximum
sclk
Serial Port Interface Clock
0.5 MHz
8 MHz
tCYC
1/sclk
125 ns
2000 ns
tSKHI
Minimum Clock High Time
84 ns
—
tSKLO
Minimum Clock Low Time
84 ns
—
tLEAD
Enable Lead Time
70 ns
—
tLAG
Enable Lag Time
109 ns
—
tACC
Access Time
—
50 ns
tPDO
Maximum Data Out Delay Time
—
59 ns
tHO
Minimum Data Out Hold Time
0 ns
—
tDIS
Maximum Data Out Disable Time
665 ns
tSETUP
Minimum Data Setup Time
35 ns
—
tHOLD
Minimum Data Hold Time
84 ns
—
tRISE
Maximum Time for Input to go from
VOL to VOH
—
100 ns
tFALL
Maximum Time for input to go from
VOH to VOL
—
100 ns
tCS
Minimum Time between Consecutive
cs_n Assertions
670 ns
—
tCOPD
clkout Period
(CDV is the value loaded in the
CLKOUT Register representing the
clkout divisor.)
(CDV + 1) * tosc
tCHCL
clkout High Period
(CDV is the value loaded in the
CLKOUT Register representing the
clkout divisor.)
(CDV + 1) * ½ tosc – 10
(CDV + 1) * ½ tosc + 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com