Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PLC44A-R Datasheet(PDF) 27 Page - InnovASIC, Inc

Part # IA82527-PLC44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PLC44A-R Datasheet(HTML) 27 Page - InnovASIC, Inc

Back Button IA82527-PLC44A-R Datasheet HTML 23Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 24Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 25Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 26Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 27Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 28Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 29Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 30Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 31Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 27 of 45
1-888-824-4184
©
Table 8. Mode 0 and Mode 1 General Bus and ready Timing
Symbol
Parameter
Minimum
Maximum
1/tXTAL
Oscillator Frequency
8 MHz
16 MHz
1/tSCLK
System Clock Frequency
4 MHz
10 MHz
1/tMCLK
Memory Clock Frequency
2 MHz
8 MHz
tAVLL
Address Valid to ale Low
7.5 ns
—
tLLAX
Address Hold after ale Low
10 ns
—
tLHLL
ale High Time
30 ns
—
tLLRL
ale Low to rd_n Low
20 ns
—
tCLLL
cs_n Low to ale Low
10 ns
—
tQVWH
Data Setup to wr_n or wrh_n High
27 ns
—
tWHQX
Input Data Hold after wr_n or wrh_n High
10 ns
—
tWLWH
wr_n or wrh_n Pulse Width
30 ns
—
tWHLH
wr_n or wrh_n High to Next ale High
8 ns
—
tWHCH
wr_n or wrh_n High to cs_n High
0 ns
—
tRLRH
rd_n Pulse Width
This time is long enough to initiate a double read
cycle by loading the High Speed Registers (04H,
05H), but is too short to read from 04H and 05H
(see tRLDV).
40 ns
—
tRLDV
rd_n Low to Data Valid
(Only for Registers 02H, 04H, 05H)
0 ns
55 ns
tRLDV1
rd_n Low Data to Data Valid (for all Registers
except 02H, 04H, 05H)
for Read Cycle without a Previous Write
—
1.5 tMCLK + 100 ns
tRLDV1
rd_n Low Data to Data Valid (for all Registers
except 02H, 04H, 05H)
for Read Cycle with a Previous Write
—
3.5 tMCLK + 100 ns
tRHDZ
Data Float after rd_n High
0 ns
45 ns
cs_n Low to ready Setup
(Load Capacitance on the ready
Output = 50 pF, VOL = 1.0 V)
—
32 ns
tCLYV
cs_n Low to ready Setup
(Load Capacitance on the ready
Output = 50 pF, VOL = 0.45 V)
—
40 ns
tWLYZ
wr_n or wrh_n Low to ready Float for a Write
Cycle if No Previous Write is Pending
—
145 ns
continued
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com