Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PLC44A-R Datasheet(PDF) 32 Page - InnovASIC, Inc

Part # IA82527-PLC44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PLC44A-R Datasheet(HTML) 32 Page - InnovASIC, Inc

Back Button IA82527-PLC44A-R Datasheet HTML 28Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 29Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 30Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 31Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 32Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 33Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 34Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 35Page - InnovASIC, Inc IA82527-PLC44A-R Datasheet HTML 36Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 32 of 45
1-888-824-4184
©
Table 9. Mode 2 General Bus Timing
Symbol
Parameter
Minimum
Maximum
1/tXTAL
Oscillator Frequency
8 MHz
16 MHz
1/tSCLK
System Clock Frequency
4 MHz
10 MHz
1/tMCLK
Memory Clock Frequency
2 MHz
8 MHz
tAVSL
Address Valid to as Low
7.5 ns
tSLAX
Address Hold after as Low
10 ns
tELDZ
Data Float after e Low
0 ns
45 ns
e High to Data Valid for Registers 02H,
04H, 05H
0 ns
45 ns
e High to Data Valid (all Registers except
for 02H, 04H, 05H) for Read Cycle without a
Previous Write
—
1.5 tmclk + 100 ns
tEHDV
e High to Data Valid (all Registers except
for 02H, 04H, 05H) for Read Cycle with a
Previous Write
—
3.5 tmclk + 100 ns
tQVEL
Data Setup to e Low
30 ns
—
tELQX
Input Data Hold after e Low
20 ns
—
tELDV
e Low to Output Data Valid on Port 1/2
tmclk
2 tmclk + 500 ns
tEHEL
e High Time
45 ns
tSHSL
as High Time
30 ns
—
tRSEH
Setup Time of r-w_n to e High
30 ns
—
tSLEH
as Low to e High
20 ns
—
tCLSL
cs_n Low to as Low
20 ns
—
tELCH
e Low to cs_n High
0 ns
—
tCOPD
clkout Period
(CDV is the value loaded in the CLKOUT
Register representing the clkout divisor.)
(CDV + 1)
• t
osc
tCHCL
clkout High Period
(CDV is the value loaded in the CLKOUT
Register representing the clkout divisor.)
(CDV + 1)
• ½ t
osc – 10
(CDV + 1)
• ½ t
osc – 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com