Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE401 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE401 Datasheet HTML 3Page - Texas Instruments CDCE401 Datasheet HTML 4Page - Texas Instruments CDCE401 Datasheet HTML 5Page - Texas Instruments CDCE401 Datasheet HTML 6Page - Texas Instruments CDCE401 Datasheet HTML 7Page - Texas Instruments CDCE401 Datasheet HTML 8Page - Texas Instruments CDCE401 Datasheet HTML 9Page - Texas Instruments CDCE401 Datasheet HTML 10Page - Texas Instruments CDCE401 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
TYPICAL CYCLE, PROGRAMMING THREE WORDS INTO EEPROM
EnterProgramming Sequence
Word0
After8bits,thepayload
dataistransferredto
theRAMandisactive.
Waitforatleast
10msbefore
exitingEEPROM
writephase,for
safeoperation.
Payload
Word1
Payload
Word2
Payload
State
Machine
Jump
State
Machine
Jump
State2 ® State3
State3 ® State1
T0043-02
TYPICAL WRITE/VERIFY/PROGRAM CYCLE
CDCE401
SCAS820 – JUNE 2006
Figure 3 shows an enter register programming mode and how the different words can be written. Bold highlights
the addressing of word0–word2. After that, the payload for the respective word is clocked in. In this example,
this is followed by a jump from state 2
→ state 3 into enter EEPROM programming with EEPROM lock. In the
EEPROM-programming state, it is necessary to wait at least 10 ms for safe programming. The last command is
a jump from state 3 into state 1 (normal operation).
Figure 3. EEPROM Programming Example
As stated previously in this document, for safe writing and programming, the supply voltage must be held within
a narrow window of 3.2 V ±100 mV. Figure 1 illustrates writing to the device and verifying the settings, followed
by a safe programming into EEPROM.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com