Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE401 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE401 Datasheet HTML 9Page - Texas Instruments CDCE401 Datasheet HTML 10Page - Texas Instruments CDCE401 Datasheet HTML 11Page - Texas Instruments CDCE401 Datasheet HTML 12Page - Texas Instruments CDCE401 Datasheet HTML 13Page - Texas Instruments CDCE401 Datasheet HTML 14Page - Texas Instruments CDCE401 Datasheet HTML 15Page - Texas Instruments CDCE401 Datasheet HTML 16Page - Texas Instruments CDCE401 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.ti.com
DEVICE CHARACTERISTICS
CDCE401
SCAS820 – JUNE 2006
over recommended ranges of supply voltage, load, and operating free-air temperature (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Phase noise specifications under following assumptions for 20-MHz and 40-MHz crystals:
f = 20 MHz (LS = 22.79 mH, CS = 2.78 fF, CP = 0.77 pF) and post-divider ×1
f = 40 MHz (LS = 6.231 mH, CS = 2.541 fF, CP = 0.628 pF) and post-divider ×1
phn10
Phase noise at 10 Hz
–65
dBc/Hz
phn100
Phase noise at 100 Hz
–95
dBc/Hz
phn1k
Phase noise at 1 kHz
–125
dBc/Hz
phn10k
Phase noise at 10 kHz
–140
dBc/Hz
phn100k
Phase noise at 100 kHz
–145
dBc/Hz
phn1M
Phase noise at 1 MHz
–145
dBc/Hz
Phase noise specifications under following assumptions for 60-MHz and 80-MHz crystals:
f = 60 MHz (LS = 2.015 mH, CS = 3.493 fF, CP = 0.876 pF) and post-divider ×1
f = 80 MHz (LS = 0.907 mH, CS = 4.376 fF, CP = 1.156 pF) and post-divider ×1
phn10
Phase noise at 10 Hz
–65
dBc/Hz
phn100
Phase noise at 100 Hz
–95
dBc/Hz
phn1k
Phase noise at 1 kHz
–125
dBc/Hz
phn10k
Phase noise at 10 kHz
–133
dBc/Hz
phn100k
Phase noise at 100 kHz
–140
dBc/Hz
phn1M
Phase noise at 1 MHz
–145
dBc/Hz
Phase noise specifications under following assumptions for 100-MHz crystals:
f = 100 MHz (LS = 0.515 mH, CS = 4.923 fF, CP = 1.468 pF) and post-divider ×1
phn10
Phase noise at 10 Hz
–65
dBc/Hz
phn100
Phase noise at 100 Hz
–90
dBc/Hz
phn1k
Phase noise at 1 kHz
–120
dBc/Hz
phn10k
Phase noise at 10 kHz
–130
dBc/Hz
phn100k
Phase noise at 100 kHz
–135
dBc/Hz
phn1M
Phase noise at 1 MHz
–145
dBc/Hz
(1)
All parameters are defined for the test load given in SubSec1 5.1.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com