Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE401 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE401 Datasheet HTML 4Page - Texas Instruments CDCE401 Datasheet HTML 5Page - Texas Instruments CDCE401 Datasheet HTML 6Page - Texas Instruments CDCE401 Datasheet HTML 7Page - Texas Instruments CDCE401 Datasheet HTML 8Page - Texas Instruments CDCE401 Datasheet HTML 9Page - Texas Instruments CDCE401 Datasheet HTML 10Page - Texas Instruments CDCE401 Datasheet HTML 11Page - Texas Instruments CDCE401 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
ENTER REGISTER READ-BACK MODE
T0044-02
0
0
1
1
1
1
1
1
2
26
27
28
SDATA
FOUT
EnterRegister
Read-BackMode
Fetch
EEPROM
ContentWith
1 CLK
st
EEPROMContent
1 Bit Available After
1 FallingEdge
st
st
30 FallingEdge
SwitchesBackInto
NormalOperation
th
OutputOscillation
OutputOscillation
CDCE401
SCAS820 – JUNE 2006
Similar to the enter registerprogramming mode sequence, the enter register read-back mode is written into
SDATA. Before the enter register read-back mode is written, the device must be disabled via EN for 100
µs to
ensure that the EEPROM content is read out correctly with enter register read-back mode. After the command
has been issued, the SDATA input is reconfigured as a clock input. By applying one clock, the EEPROM content
is read into shift registers. Now, by further applying clocks at SDATA, the EEPROM content can be clocked out
and observed at FOUT. Also, FOUT is reconfigured during that operation, as can be seen in the following figure.
There are 29 bits to be clocked out. With the 30th falling clock edge, the FOUT pin is reconfigured back to
normal operation.
Figure 4. Typical Register Read-Back Cycle
In Table 4, the content of the bits in the output stream is summarized. Note that the MSB is clocked out first.
Table 4. Read-Back Cycle Bit Stream
OUTPUT-STREAM BITS
FUNCTION
Bits[0:2]
Revision identifier (MSB first)
Bit[3]
EEPROM status:
0 = EEPROM has never been written.
1 = EEPROM has been programmed before.
Bit[4]
EEPROM lock:
0 = EEPROM can be rewritten.
1 = EEPROM is locked; rewriting to the EEPROM is not possible.
Bits[5:12]
Storage value, word2 (MSB first)
Bits[13:20]
Storage value, word1 (MSB first)
Bits[21:28]
Storage value, word0 (MSB first)
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com