Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE401 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE401 Datasheet HTML 1Page - Texas Instruments CDCE401 Datasheet HTML 2Page - Texas Instruments CDCE401 Datasheet HTML 3Page - Texas Instruments CDCE401 Datasheet HTML 4Page - Texas Instruments CDCE401 Datasheet HTML 5Page - Texas Instruments CDCE401 Datasheet HTML 6Page - Texas Instruments CDCE401 Datasheet HTML 7Page - Texas Instruments CDCE401 Datasheet HTML 8Page - Texas Instruments CDCE401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
EN
XIN
XOUT
VSS
VDD
FOUT
SDATA
1
2
3
4
5
6
8
»
´
1mm
1mm
M0018-03
DESCRIPTION
CDCE401
SCAS820 – JUNE 2006
OSCILLATOR IC WITH ELECTRONIC CALIBRATION
Die Terminal Assignment
• Oscillator Gain Stage Implemented
(Top View = Bond Pad View)
• One LVCMOS Frequency Output
• Frequency Range of Oscillator Gain Stage =
20 MHz–100 MHz
• Frequency Range of LVCMOS Output = 0.625
MHz–100 MHz
• Electronic Trimming of Oscillator Using
Capacitance Arrays
• Programmable Post Dividers x, x/2, x/4, x/8,
x/16, x/32
• Nonvolatile Storage of Settings Using
EEPROM Technology
• Easy One-Wire In-Circuit Programming Allows
Programming and Trimming of Oscillator After
Manufacturing
• EEPROM Programming Without the Need to
Apply High Voltage to the Device
• Available as Die
• Small Form Factor From Less Than 1 mm × 1
mm, Allowing the Smallest Form Factor
Available for Today’s and Next-Generation
Oscillators
• Industrial Temperature Range –40°C to 85°C
• Wide VDD Range: 2.25 V up to 3.3 V
• ESD Protection Exceeds JESD22
–
>2000-V Human-Body Model (A114-B)
–
>200-V Machine Model (A115_A)
–
>500-V Charged-Device Model (C101-B.01)
The CDCE401 is designed to achieve today’s demanding challenges for crystal oscillator modules. The small
form factor of the unpackaged die or the QFN package reduces the space consumption of the device to the
technical minimum level of today’s silicon technology.
The on-die trimming capacitance allows frequency trimming of the oscillator module after the manufacturing
process. Therefore, by doing a post-manufacturing programming, crystal manufacturing tolerances can be
trimmed out.
During power up or with each enabling, the CDCE401 oscillator start-up circuit switches off all oscillator
capacitors (CXI, CXO, CBASE) to maximize negative impedance during start-up. After a certain time
(1/XTAL-frequency × 217 ~ 1.311 ms–6.554 ms), the capacitances are connected to tune to the trimmed
frequency range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI1-CDCE421 Datasheet
884Kb / 24P
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421A TI2-CDCE421A Datasheet
1Mb / 29P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
APRIL 2009
CDCE421ARGER TI1-CDCE421ARGER Datasheet
815Kb / 27P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
More results

Similar Description - CDCE401

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
SFP Management IC with Internal Calibration
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001_11 Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibration
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
Electronic Volume IC
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
Electronic Volume IC
June, 2013
logo
Shenzhen Huazhimei Semi...
HM5280D HMSEMI-HM5280D Datasheet
355Kb / 2P
Electronic Cigarette IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com