Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE401 Datasheet(PDF) 14 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCE401 Datasheet HTML 10Page - Texas Instruments CDCE401 Datasheet HTML 11Page - Texas Instruments CDCE401 Datasheet HTML 12Page - Texas Instruments CDCE401 Datasheet HTML 13Page - Texas Instruments CDCE401 Datasheet HTML 14Page - Texas Instruments CDCE401 Datasheet HTML 15Page - Texas Instruments CDCE401 Datasheet HTML 16Page - Texas Instruments CDCE401 Datasheet HTML 17Page - Texas Instruments CDCE401 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.ti.com
TEST LOAD CONDITION
VDD
R=1kW
FromOutputofDUT
Out
LVCMOS
Output
R=1kW
C
=15pF
LOAD
S0034-02
FromOutputofDUT
LVCMOS
Output
R=50 W
C =100nF
C
S0199-01
CDCE401
SCAS820 – JUNE 2006
Figure 5. LVCMOS Output Test Load for All Specifications Except Phase Noise Values
Figure 6. LVCMOS Output Test Load for Phase Noise Values
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com