Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE401 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 2 Page - Texas Instruments

  CDCE401 Datasheet HTML 1Page - Texas Instruments CDCE401 Datasheet HTML 2Page - Texas Instruments CDCE401 Datasheet HTML 3Page - Texas Instruments CDCE401 Datasheet HTML 4Page - Texas Instruments CDCE401 Datasheet HTML 5Page - Texas Instruments CDCE401 Datasheet HTML 6Page - Texas Instruments CDCE401 Datasheet HTML 7Page - Texas Instruments CDCE401 Datasheet HTML 8Page - Texas Instruments CDCE401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
EN
VDD
1
DRB PACKAGE
(TOP VIEW)
NC − No internal connection
2
3
4
8
7
6
5
XIN
NC
XOUT
SDATA
VSS
FOUT
P0012-01
CDCE401
SCAS820 – JUNE 2006
An on-die EEPROM enables nonvolatile storage of the frequency setting. For the transfer of the programming
into the EEPROM, the CDCE401 takes advantage of the SDATA input. In-circuit programming of the device is
possible.
Unlike other EEPROM-based devices, it is not necessary to apply a high supply voltage to the device in order to
program it.
The CDCE401 accepts crystals from 20 MHz up to 100 MHz. For lower frequencies, the CDCE401 provides a
programmable post-divider.
The CDCE401 features a wide supply-voltage range. This makes the device ideal to use at today’s most
commonly used supply voltage of 2.5 V, and operation at supply voltages of 2.8 V, 2.85 V, and 3 V for cellular
applications can be addressed with a single device. Therefore, use of the device in multiple different application
spaces is possible, reducing inventory costs.
The CDCE401 is characterized to work in the industrial temperature range from –40°C to 85°C.
Optional: QFN Package Terminal Assignment
For evaluation purposes, the CDCE401 is also available in a QFN package. The packaged device can be
obtained together with an EVM.
Table 1. TERMINAL FUNCTIONS
TERMINAL
NUMBER
TYPE
DESCRIPTION
NAME
QFN
BOND PAD
Logic select pin. Enables/disables device. Has a hysteresis of 300 mV. A
EN
1
1
Input LVCMOS
2-M
Ω pullup resistor is built in.
FOUT
5
5
Output LVCMOS
Frequency output
NC
7
N/A
Not connected
Logic select pin. This input serves as programming input. Has a
SDATA
6
7
Input LVCMOS
hysteresis of 300 mV. A 2-M
Ω pullup resistor is built in.
VDD
8
8
Power
Voltage supply
VSS
4
4
Ground
Ground
XIN
2
2
Input oscillator
Crystal oscillator input
XOUT
3
3
Output oscillator
Crystal oscillator output
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com