Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE401 Datasheet(PDF) 10 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE401 Datasheet HTML 6Page - Texas Instruments CDCE401 Datasheet HTML 7Page - Texas Instruments CDCE401 Datasheet HTML 8Page - Texas Instruments CDCE401 Datasheet HTML 9Page - Texas Instruments CDCE401 Datasheet HTML 10Page - Texas Instruments CDCE401 Datasheet HTML 11Page - Texas Instruments CDCE401 Datasheet HTML 12Page - Texas Instruments CDCE401 Datasheet HTML 13Page - Texas Instruments CDCE401 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
POST-DIVIDER SETTINGS
RECOMMENDATIONS FOR OSCILLATOR GAIN
(2) AND OPERATING POINT DEFINITIONS
CDCE401
SCAS820 – JUNE 2006
PD2
PD1
PD0
POST-DIVIDER SETTINGS
COMMENT
0
0
0
Post-divider
× 1
Default
0
0
1
Post-divider
× 1/2
0
1
0
Post-divider
× 1/4
0
1
1
Post-divider
× 1/8
1
0
0
Post-divider
× 1/16
1
0
1
Post-divider
× 1/32
1
1
0
Test mode: turns off CXI, CXO, and CBASE.
Post-divider
× 1 (like in default).
1
1
1
No division: The post-divider setting PD[2:0] = 111 is used to turn off the amplifier after the
oscillator core. This offers the capability to disable effectively all blocks except the oscillator
core (current consumption of core only can be measured and adjusted)(1).
(1)
Setting core current consumption too high impacts the crystal drive power, which affects crystal performance and lifetime.
OG[1:0]
OP[2:0]
OSCILLATOR OSCILLATOR OPERATING FREQUENCY
COMMENT
11
000
Oscillator gain for 20 MHz
≤ frequency < 40 MHz
Default
10
000
Oscillator gain for 40 MHz
≤ frequency < 60 MHz
01
000
Oscillator gain for 60 MHz
≤ frequency < 80 MHz
00
000
Oscillator gain for 80 MHz
≤ frequency ≤ 100 MHz
(2)
The oscillator gain bits have an impact on the capacitance CBASE. See the table for input capacitance values. This table is valid for the
whole supply voltage range. Depending on the crystal series equivalent resistance, the OP[2:0] bits might require different settings.
Contact TI for assistance.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com