Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2/D Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 54Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 55Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 56Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 57Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 58Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 59Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 60Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 61Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.2 Signal Properties Summary
Table 2-1 summarizes all pin functions.
NOTE:
Bold entries determine pins not available on 112-pin LQFP.
Table 2-1 Signal Properties
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State
EXTAL
VDDPLL
None
None
Oscillator Pins
XTAL
VDDPLL
RESET
VDDX2
External Reset Pin
TEST
VDDX2
Test Input
XFC
VDDPLL
PLL Loop Filter
BKGD
TAGHI
MODC
VDDX2
Always
Up
Up
Background Debug, Tag High, Mode
Pin
PAD[7:0]
AN[7:0]
VDDA
None
None
Port AD Inputs, Analog Inputs (ATD)
PAD[15:8]
AN[15:8]
VDDA
Port AD Inputs, Analog Inputs
(ATD)
PA[7:0]
FP[15:8]
ADDR[15:8]/
DATA[15:8]
VDDX1
PUCR/
PUPAE
Down
Port A I/O, Multiplexed Address/Data
PB[7:0]
FP[7:0]
ADDR[7:0]/
DATA[7:0]
VDDX1
PUCR/
PUPBE
Down
Port B I/O, Multiplexed Address/Data
PE7
FP22
XCLKS
NOACC
VDDX1
PUCR/
PUPEE
Down
Port E I/O, Access, Clock Select,
LCD driver
PE6
IPIPE1
MODB
VDDX2
While RESET pin is
low: Down
Port E I/O, Pipe Status, Mode Input
PE5
IPIPE0
MODA
VDDX2
Port E I/O, Pipe Status, Mode Input
PE4
ECLK
VDDX2
PUCR/
PUPEE
Mode de-
pendent
Port E I/O, Bus Clock Output
PE3
FP21
LSTRB
TAGLO
VDDX1
Port E I/O, LCD driver, Byte Strobe,
Tag Low
PE2
FP20
R/W
VDDX1
Port E I/O, R/W in expanded modes
PE1
IRQ
VDDX2
Up
Port E Input, Maskable Interrupt
PE0
XIRQ
VDDX2
Port E Input, Non Maskable Interrupt
PH[7:0]
KWH[7:0]
VDDM
PERH/
PPSH
Disabled
Port H I/O, Interrupts
PJ[3:0]
KWJ[3:0]
VDDX1
PERJ/
PPSJ
Disabled
Port J I/O, Interrupts
PK7
FP23
ECS
ROMONE
VDDX1
PUCR/
PUPKE
Down
Port K I/O, Emulation Chip Select,
ROM On Enable
PK[3:0]
BP[3:0]
XADDR[17:14]
VDDX1
Port K I/O, LCD driver, Extended
Addresses
PL[3:0]
FP[19:16]
VDDX1
PERL/
PPSL
Down
Port L I/O, LCD drivers
PL[7:4]
FP[31:28]
VDDX1
Port L I/O, LCD drivers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com