Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2/D Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 14Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 15Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 16Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 17Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 18Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 19Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 20Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 21Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
BDM (Background Debug Mode)
CRG (low current oscillator, PLL, reset, clocks, COP watchdog, real time interrupt, clock monitor)
8-bit and 4-bit ports with interrupt functionality
Digital filtering
Programmable rising or falling edge trigger
Memory
128K, 256K Flash EEPROM
2K, 4K byte EEPROM
6K, 12K byte RAM
Analog-to-Digital Converter
8, 16 channels, 10-bit resolution
External conversion trigger capability
Two 1M bit per second, CAN 2.0 A, B software compatible modules
Five receive and three transmit buffers
Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8x8bit
Four separate interrupt channels for Rx, Tx, error and wake-up
Low-pass filter wake-up function
Loop-back for self test operation
Timer
16-bit main counter with 7-bit prescaler
8 programmable input capture or output compare channels
Two 8-bit or one 16-bit pulse accumulators
2, 6 PWM channels
Programmable period and duty cycle
8-bit 2, 6-channel or 16-bit 1, 3-channel
Separate control for each pulse width and duty cycle
Center-aligned or left-aligned outputs
Programmable clock select logic with a wide range of frequencies
Fast emergency shutdown input
Serial interfaces
Two asynchronous Serial Communications Interfaces (SCI)
Synchronous Serial Peripheral Interface (SPI)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com