Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2/D Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 62Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 63Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 64Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 65Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 66Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 67Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 68Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 69Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.3.45 PV[3:0] / M2C1P, M2C1M, M2C0P, M2C0M — Port V I/O Pins [3:0]
PV3-PV0 are general purpose input or output pins. They can be configured as high current PWM output
pins which can be used for motor drive. These pins interface to the coils of motor 2. PWM output on
M2C0M results in a positive current flow through coil 0 when M2C0P is driven to a logic high state. PWM
output on M2C1M results in a positive current flow through coil 1 when M2C1P is driven to a logic high
state.
2.3.46 PW[7:4] / M5C1P, M5C1M, M5C0P, M5C0M — Port W I/O Pins [7:4]
PW7-PW4 are general purpose input or output pins. They can be configured as high current PWM output
pins which can be used for motor drive. These pins interface to the coils of motor 5. PWM output on
M5C0M results in a positive current flow through coil 0 when M5C0P is driven to a logic high state. PWM
output on M5C1M results in a positive current flow through coil 1 when M5C1P is driven to a logic high
state.
2.3.47 PW[3:0] / M4C1P, M4C1M, M4C0P, M4C0M — Port W I/O Pins [3:0]
PW3-PW0 are general purpose input or output pins. They can be configured as high current PWM output
pins which can be used for motor drive. These pins interface to the coils of motor 4. PWM output on
M4C0M results in a positive current flow through coil 0 when M4C0P is driven to a logic high state. PWM
output on M4C1M results in a positive current flow through coil 1 when M4C1P is driven to a logic high
state.
2.4 Power Supply Pins
MC9S12H256 power and ground pins are described below.
NOTE:
All VSS pins must be connected together in the application (21.2 Recommended
PCB layout).
Because fast signal transitions place high, short-duration current demands on the
power supply, use bypass capacitors with high-frequency characteristics and place
them as close to the MCU as possible. Bypass requirements depend on how heavily
the MCU pins are loaded (Table 21-1).
2.4.1 VDDR — External Power Pin
VDDR is the power supply pin for the internal voltage regulator.
2.4.2 VDDX1, VDDX2, VSSX1, VSSX2 — External Power and Ground Pins
VDDX1, VDDX2, VSSX1 and VSSX2 are the power supply and ground pins for input/output
drivers.VDDX1 and VDDX2 as well as VSSX1 and VSSX2 are not internally connected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com