Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2/D Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 61Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 62Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 63Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 64Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 65Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 66Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 67Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 68Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.3.38 PS1 / TXD0 — Port S I/O Pin 1
PS1 is a general purpose input or output pin. It can be configured as transmit pin TXD0 of the Serial
Communication Interface 0 (SCI0).
2.3.39 PS0 / RXD0 — Port S I/O Pin 0
PS0 is a general purpose input or output pin. It can be configured as receive pin RXD0 of the Serial
Communication Interface 0 (SCI0).
2.3.40 PT[7:4] / IOC[7:4] — Port T I/O Pins [7:4]
PT7-PT4 are general purpose input or output pins. They can be configured as input capture or output
compare pins IOC7-IOC4 of the Timer (TIM).
2.3.41 PT[3:0] / IOC[3:0] / FP[27:24] — Port T I/O Pins [3:0]
PT3-PT0 are general purpose input or output pins. They can be configured as input capture or output
compare pins IOC3-IOC0 of the Timer (TIM). They can be configured as frontplane segment driver
outputs FP27-FP24 of the LCD module.
2.3.42 PU[7:4] / M1C1P, M1C1M, M1C0P, M1C0M — Port U I/O Pins [7:4]
PU7-PU4 are general purpose input or output pins. They can be configured as high current PWM output
pins which can be used for motor drive. These pins interface to the coils of motor 1. PWM output on
M1C0M results in a positive current flow through coil 0 when M1C0P is driven to a logic high state. PWM
output on M1C1M results in a positive current flow through coil 1 when M1C1P is driven to a logic high
state.
2.3.43 PU[3:0] / M0C1P, M0C1M, M0C0P, M0C0M — Port U I/O Pins [3:0]
PU3-PU0 are general purpose input or output pins. They can be configured as high current PWM output
pins which can be used for motor drive. These pins interface to the coils of motor 0. PWM output on
M0C0M results in a positive current flow through coil 0 when M0C0P is driven to a logic high state. PWM
output on M0C1M results in a positive current flow through coil 1 when M0C1P is driven to a logic high
state.
2.3.44 PV[7:4] / M3C1P, M3C1M, M3C0P, M3C0M — Port V I/O Pins [7:4]
PV7-PV4 are general purpose input or output pins. They can be configured as high current PWM output
pins which can be used for motor drive. These pins interface to the coils of motor 3. PWM output on
M3C0M results in a positive current flow through coil 0 when M3C0P is driven to a logic high state. PWM
output on M3C1M results in a positive current flow through coil 1 when M3C1P is driven to a logic high
state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com