Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2/D Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 84Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 85Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 86Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 87Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 88Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 89Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 90Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 91Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
The PCB must be carefully laid out to ensure proper operation of the voltage regulator as well as of the
MCU itself. The following rules must be observed:
Every supply pair must be decoupled by a ceramic/tantalum capacitor connected as near as possible
to the corresponding pins(C1 – C9).
Central point of the ground star should be the VSS1 pin.
Use low ohmic low inductance connections between VSS1, VSS2, VSSA, VSSX1,2 and
VSSM1,2,3.
VSSPLL must be directly connected to VSS1.
Keep traces of VSSPLL, EXTAL and XTAL as short as possible and occupied board area for C10,
C11, C14 and Q1 as small as possible.
Do not place other signals or supplies underneath area occupied by C10, C11, C14 and Q1 and the
connection area to the MCU.
Central power input should be fed in at the VDDA/VSSA pins.
Table 21-1 Recommended Components
Component
Purpose
Type
Value
C1
VDD1 filter cap
ceramic X7R
100 .. 220nF
C2
VDDA filter cap
X7R/tantalum
>=100nF
C3
VDDX2 filter cap
X7R/tantalum
>=100nF
C4
VDDR filter cap
X7R/tantalum
>=100nF
C5
VDDM3 filter cap
X7R/tantalum
>=100nF
C6
VDDM2 filter cap
X7R/tantalum
>=100nF
C7
VDDM1 filter cap
X7R/tantalum
>=100nF
C8
VDDX1 filter cap
X7R/tantalum
>=100nF
C9
VDDPLL filter cap
ceramic X7R
100nF .. 220nF
C10
OSC load cap
See CRG Block User Guide
C11
OSC load cap
C12
PLL loop filter cap
C13
PLL loop filter cap
C14
DC cutoff cap
R1
PLL loop filter res
Q1
Quartz/Resonator
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com