Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2/D Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 59Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 60Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 61Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 62Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 63Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 64Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 65Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 66Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.3.22 PL[7:4] / FP[31:28] — Port L I/O Pins [7:4]
PL7-PL4 are general purpose input or output pins. They can be configured as frontplane segment driver
outputs FP31-FP28 of the LCD module.
NOTE:
These pins are not available in the 112-pin LQFP version.
2.3.23 PL[3:0] / FP[19:16] — Port L I/O Pins [3:0]
PL3-PL0 are general purpose input or output pins. They can be configured as frontplane segment driver
outputs FP19-FP16 of the LCD module.
2.3.24 PM5 / TXCAN1 — Port M I/O Pin 5
PM5 is a general purpose input or output pin. It can be configured as the transmit pin TXCAN1 of the
Motorola Scalable Controller Area Network controller 1 (CAN1)
2.3.25 PM4 / RXCAN1 — Port M I/O Pin 4
PM4 is a general purpose input or output pin. It can be configured as the receive pin RXCAN1 of the
Motorola Scalable Controller Area Network controller 1 (CAN1)
2.3.26 PM3 / TXCAN0 — Port M I/O Pin 3
PM3 is a general purpose input or output pin. It can be configured as the transmit pin TXCAN0 of the
Motorola Scalable Controller Area Network controller 0 (CAN0)
2.3.27 PM2 / RXCAN0 — Port M I/O Pin 2
PM2 is a general purpose input or output pin. It can be configured as the receive pin RXCAN0 of the
Motorola Scalable Controller Area Network controller 0 (CAN0)
2.3.28 PM1 / SCL — Port M I/O Pin 1
PM1 is a general purpose input or output pin. It can be configured as the serial clock pin SCL of the
Inter-IC Bus Interface (IIC).
NOTE:
This pin is not available in the 112-pin LQFP version.
2.3.29 PM0 / SDA — Port M I/O Pin 0
PM0 is a general purpose input or output pin. It can be configured as the serial data pin SDA of the Inter-IC
Bus Interface (IIC).
NOTE:
This pin is not available in the 112-pin LQFP version.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com