Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2/D Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 13Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 14Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 15Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 16Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 17Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 18Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 19Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 20Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
Section 1 Introduction
1.1 Overview
The MC9S12H256 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
peripherals including a 16-bit central processing unit (HCS12 CPU), 256K bytes of Flash EEPROM, 12K
bytes of RAM, 4K bytes of EEPROM, two asynchronous serial communications interfaces (SCI), a serial
peripheral interface (SPI), an IIC-bus interface (IIC), an 8-channel 16-bit timer (TIM), a 16-channel, 10-bit
analog-to-digital converter (ATD), a six-channel pulse width modulator (PWM), and two CAN 2.0 A, B
software compatible modules (MSCAN).
The MC9S12H128 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
peripherals including a 16-bit central processing unit (HCS12 CPU), 128K bytes of Flash EEPROM, 6K
bytes of RAM, 2K bytes of EEPROM, one asynchronous serial communications interface (SCI), a serial
peripheral interface (SPI), an IIC-bus interface (IIC), an 8-channel 16-bit timer (TIM), a 8-channel, 10-bit
analog-to-digital converter (ATD), a two-channel pulse width modulator (PWM), and two CAN 2.0 A, B
software compatible modules (MSCAN).
In addition, it features a 32x4 liquid crystal display (LCD) controller/driver and a motor pulse width
modulator (MC) consisting of 24 high current outputs suited to drive up to 6 stepper motors. System
resource mapping, clock generation, interrupt control, and bus interfacing are managed by the HCS12
Core.
The MC9S12H256 has full 16-bit data paths throughout. The inclusion of a PLL circuit allows power
consumption and performance to be adjusted to suit operational requirements. In addition to the I/O ports
available in each module, 12 general purpose I/O pins are available with interrupt and wake-up capability
from STOP or WAIT mode.
1.2 Features
HCS12 Core
16-bit HCS12 CPU
i. Upward compatible with M68HC11 instruction set
ii. Interrupt stacking and programmer’s model identical to M68HC11
iii. 20-bit ALU
iv. Instruction queue
v. Enhanced indexed addressing
MEBI (Multiplexed External Bus Interface)
MMC (Module Mapping Control)
INT (Interrupt control)
BKP (Breakpoints)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com