Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2/D Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 101Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 102Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 103Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 104Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 105Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 106Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 107Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 108Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
The failure rates for data retention and program/erase cycling are specified at the operating conditions
noted.
The program/erase cycle count on the sector is incremented every time a sector or mass erase event is
executed.
Table A-12 NVM Reliability Characteristics
NOTE:
Flash cycling performance is 10 cycles at -40˚C to +125˚C. Data retention is
specified for 15 years.
NOTE:
EEPROM cycling performance is 10K cycles at -40˚C to 125˚C. Data retention is
specified for 5 years on words after cycling 10K times. However if only 10 cycles
are executed on a word the data retention is specified for 15 years.
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Cycles
Data Retention
Lifetime
Unit
1
C Flash/EEPROM (-40˚C to +125˚C)
10
15
Years
2
C EEPROM (-40˚C to +125˚C)
10,000
5
Years
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com