Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 4 Page - NXP Semiconductors

  MFS5600AMMA0ES Datasheet HTML 1Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
4 Ordering information
The FS5600 is offered in QM, ASIL B, and Enhanced ASIL B versions. The Enhanced ASIL B version features
a Challenger Watchdog and Logic BIST (LBIST) which may be used to achieve ASIL D functional safety at the
system level. Additional safety mechanisms may be needed at the system level for ASIL D compliance.
Feature
QM Version
ASIL B Version
Enhanced ASIL B
Version
SW1 – Integrated FET buck converter
Yes
Yes
Yes
SW2 – External FET buck controller
Yes
Yes
Yes
GPOs for system sequence control
Yes
Yes
Yes
PGOOD1 and PGOOD2 output
Yes
Yes
Yes
Windowed Watchdog Timer
No
Yes (Simple)
Yes (Challenger)
4 External Voltage Monitors (VMON)
No
Yes
Yes
ERRMON Monitoring (muxed with VMON)
No
Yes
Yes
FCCU Monitoring (muxed with VMON)
No
Yes
Yes
FS0B output
No
Yes
Yes
ABIST
No
Yes
Yes
LBIST
No
No
Yes
I2C CRC
No
Yes
Yes
Table 1. Device options
Part number
Target
market
Safety
grade
OTP ID
SW1
SW2
Package drawing
MFS5600AMMA0ES Automotive QM
A0 – Non-programmed
—
—
SOT617-24(SC)
MFS5600AMBA0ES Automotive ASIL B
A0 – Non-programmed
—
—
SOT617-24(SC)
MFS5600AMEA0ES Automotive Enhanced
ASIL B
A0 – Non-programmed
—
—
SOT617-24(SC)
MFS5600AVMA0EP Industrial
QM
A0 – Non-programmed
—
—
SOT617-24
MFS5600AMMA7ES Automotive QM
https://www.nxp.com/
MFS5600A7ES-OTP-
Report
5.0 V,
450 kHz
3.3 V,
450 kHz
SOT617-24(SC)
MFS5600AMMA8ES Automotive QM
https://www.nxp.com/
MFS5600A8ES-OTP-
Report
3.3 V,
450 kHz
5.0 V,
450 kHz
SOT617-24(SC)
MFS5600AMBAFES Automotive ASIL B
https://www.nxp.com/
MFS5600AMBAFES-OTP-
Report
3.3 V,
450 kHz
5 V,
450kHz
SOT617-24(SC)
MFS5600AMMABES Automotive QM
https://www.nxp.com/
MFS5600AMMABES-
OTP-Report
5 V,
450kHz
5 V,
450kHz
SOT617-24(SC)
Table 2. Ordering information
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
4 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com