Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 43Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 44Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 45Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 46Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 47Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 48Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 49Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 50Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
WDW_DC [2:0]
CLOSED window
OPEN window
Others
50 %
50 %
Table 39. Watchdog window duty cycle configuration...continued
17.3.1 Simple watchdog
The simple watchdog uses a seed value that must be used to ‘pet’ the watchdog. The MCU can send its
own seed in WD_SEED register or use the default seed value 0x5AB2. This seed must be written in the
WD_ANSWER register during the OPEN watchdog window.
When the result is right, the watchdog window is restarted. When the result is wrong, a watchdog error counter
is incremented and the watchdog window is restarted. See Section 17.3.3 for watchdog error counter.
In case the watchdog answer from MCU is wrong, the “WD_BAD_DATA” bit is set to 1. In case the watchdog
answer (temporal domain) is wrong (timeout or refresh during closed window), the “WD_BAD_TIMING” bit is set
to 1.
In the simple watchdog configuration, it is not possible to write 0xFFFF and 0x0000 to the WD_SEED register. A
communication error (I2C_REQ_ERR = 1) is reported if writes of 0x0000 and 0xFFFF are attempted.
17.3.2 Challenger watchdog
The challenger watchdog is based on a question/answer process with the MCU. A 16-bit pseudo-random word
is generated by implementing a Linear Feedback Shift Register (LFSR) in the FS5600. The MCU can send the
seed of the LFSR or use the LFSR generated by the FS600 and will perform a pre-defined calculation. The
result should be sent through I2C during the OPEN watchdog window and is verified by the FS5600. When the
result is right, the watchdog window is restarted and a new LFSR is generated. When the result is wrong, the
WD error counter is incremented, the watchdog window is restarted and the LFSR value is not changed.
In case the watchdog answer from MCU is wrong, the “WD_BAD_DATA” bit is set to 1. In case the watchdog
answer (temporal domain) is wrong (timeout or refresh during closed window), the “WD_BAD_TIMING” bit is set
to 1.
During the initialization phase (INIT_RUN), the MCU can send the seed for the LFSR by writing to the
WD_SEED register, or use the default LFSR value generated by the FS5600 (0x5AB2). It is not possible to write
0x0000 to the WD_SEED register when in the challenger mode. The I2C_REQ_ERR bit is set when writing a
0x0000 is attempted.
Using the seed value, the MCU should perform a simple calculation based on the formula below, and send the
results in the WD_ANSWER register in the OPEN window for a valid watchdog refresh.
aaa-031017
WD_SEED[23:8]
4
4
4
6
WD_ANSWER[23:8]
X
NOT
/
+
-
Figure 13. Challenger watchdog formula
17.3.3 Watchdog error counter and error impact
The watchdog error counter is available for the Challenger and Simple watchdog schemes. The watchdog error
counter is used to count the number of bad watchdog refreshes (data and temporal errors).
Each time a watchdog failure occurs, the device increments this counter by 2. The watchdog error counter
decrements by 1 each time the watchdog is correctly refreshed. This principle ensures that a cyclic ’OK/NOK’
behavior converges to a failure detection.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
47 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com