Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 75Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 76Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 77Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 78Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 79Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 80Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 81Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 82Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Bit
Symbol
Description
4b'1111 — Counter Value = 15.
Reset Condition — POR
Table 64. WATCHDOG_CTRL1 register description...continued
18.1.10 NOT_WATCHDOG_CTRL1 register
Bit
Symbol
Description
15 to 14
NOT_WD_ERR_LIMIT[1:0]
Watchdog error counter limit.
2b'00 — See WD_ERR_LIMIT[1:0] in WATCHDOG_CTRL1 register.
2b'01 — See WD_ERR_LIMIT[1:0] in WATCHDOG_CTRL1 register.
2b'10 — See WD_ERR_LIMIT[1:0] in WATCHDOG_CTRL1 register.
2b'11 — See WD_ERR_LIMIT[1:0] in WATCHDOG_CTRL1 register.
Reset Condition — POR
12 to 11
NOT_WD_RFR_LIMIT[1:0]
Watchdog refresh counter limit.
2b'00 — See WD_RFR_LIIMIT[1:0] in WATCHDOG_CTRL1 register.
2b'01 — See WD_RFR_LIIMIT[1:0] in WATCHDOG_CTRL1 register.
2b'10 — See WD_RFR_LIIMIT[1:0] in WATCHDOG_CTRL1 register.
2b'11 — See WD_RFR_LIIMIT[1:0] in WATCHDOG_CTRL1 register.
Reset Condition — POR
9 to 8
NOT_WD_FAIL_IMPACT[1:0]
Watchdog fail impact.
2b'00 — See WD_FAIL_IMPACT[1:0] in WATCHDOG_CTRL1
register.
2b'01 — See WD_FAIL_IMPACT[1:0] in WATCHDOG_CTRL1
register.
2b'10 — See WD_FAIL_IMPACT[1:0] in WATCHDOG_CTRL1
register.
2b'11 — See WD_FAIL_IMPACT[1:0] in WATCHDOG_CTRL1
register.
Reset Condition — POR
Table 65. NOT_WATCHDOG_CTRL1 register description
18.1.11 WATCHDOG_CTRL2 register
Bit
Symbol
Description
15 to 12
WD_WINDOW[3:0]
Watchdog window duration,
Applied only when WD_WD_WINDOW[3:0] = NOT(NOT_WD_
WINDOW[3:0])
4b'0000 — Infinite.
4b'0001 — 1 ms.
4b'0010 — 2 ms.
4b'0011 — 3 ms.
4b'0100 — 4 ms.
4b'0101 — 6 ms.
4b'0110 — 8 ms.
4b'0111 — 12 ms.
4b'1000 — 16 ms.
4b'1001 — 24 ms.
4b'1010 — 32 ms.
Table 66. WATCHDOG_CTRL2 register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
79 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com