Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 55Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 56Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 57Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 58Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 59Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 60Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 61Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 62Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
LBIST can be disabled by setting the OTP_LBIST_DIS[7:0] to 0b0011_0110.
LBIST is enabled for all other values of OTP_LBIST_DIS[7:0]. If LBIST is disabled via OTP, the following
conditions should be valid for LBIST to be truly disabled:
• No boot error (from OTP controller)
• No CRC error (from OTP controller)
• No ECC error (from OTP controller)
If one of these conditions are not satisfied LBIST is enabled. LBIST_PASS bit in the I2C map is set when LBIST
is completed successfully and passes.
17.12.4 VCC and VDIG monitoring
VCC and VDIG voltages are monitored for over and under voltage faults. The part is powered down if any of
these faults is detected. See the state transition table for specific transitions.
All parameters are specified at TA = –40 to 125 °C, VIN = 12 V, ENx = 12 V, VCC = 5.0 V, No Load on
regulators, Fsw = 2.2 MHz, and typical external component values, unless otherwise noted. Typical values are
specified at 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VDIG Rising POR VDIG_POR
1.44
V
VDIG Falling POR VDIG_POR
1.40
V
VDIG Overvoltage
Threshold
VDIG_OV
1.95
V
VCC Rising POR
VCC_POR
3.2
V
VCC Falling POR
VCC_POR
2.6
V
VCC Overvoltage
Threshold
VCC_OV
5.8
V
Table 52. POR Thresholds
17.13 FS5600 operation states and state machine
Figure 19 shows the high-level operation states of the FS5600 ASIL B, and Enhanced ASIL B versions.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
59 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com