Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 38Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 39Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 40Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 41Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 42Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 43Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 44Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 45Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
17 Functional safety features in FS5600
The FS5600 is offered in QM, ASIL B, and Enhanced ASIL B variations. This section describes the features
of the ASIL B and Enhanced ASIL B variations. The content in this document prior to this section applies to all
device variations.
The FS5600 offers comprehensive monitoring and self-test capabilities to achieve high diagnostic coverage at
the system level. The functional safety features of FS5600 include:
• Four high precision voltage monitors (in addition to monitoring of SW1 and SW2 internally)
• Challenger windowed watchdog timer
• FCCU monitoring
• 2x ERRMON monitoring for external signal monitoring
• Fail-safe Output (FS0B) with programmable fault reaction
• PGOOD1 and PGOOD2 outputs with programmable fault reaction
• Stuck-at-fault detection on PGOOD1, PGOOD2, and FS0B outputs
• State machine with programmable fault reactions
• Redundant band gap with band gap comparator for self-test
• Internal oscillator self-test
• Built-in self-test (ABIST and LBIST) of analog and digital monitoring functions for latent failure diagnostics
• On-Demand ABIST
• CRC on OTP bits in the device
• I2C with CRC
• NOT register functionality to prevent accidental writes to critical registers
• Monitoring of internal voltages such as VCC and VDIG for over and under voltage faults
17.1 GPIO1/2/3 feature selection
The GPIO1/2/3 are multipurpose pins. Specific feature selection on these pins should be selected via OTP
using the OTP_GPIO1_CFG[1:0], OTP_GPIO2_CFG[1:0] and OTP_GPIO3_CFG[1:0] bits as shown below in
Table 34, Table 35, and Table 36.
OTP_GPIO1_CFG[1:0]
GPIO1 configuration
00
Output is high Z
01
GPO (output)
10
ERRMON1 (input)
11
Reserved (do not use)
Table 34. GPIO1 function selection
OTP_GPIO2_CFG[1:0]
GPIO2 configuration
00
GPO (output)
01
FCCU1 (input)
10
SYNCOUT (output)
11
VMON3
Table 35. GPIO2 function selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
42 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com