Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 52Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 53Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 54Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 55Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 56Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 57Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 58Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 59Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Register name
Register names (Continued)
FLT_ERR_CNT_LIMIT[1:0]
NOT_WD_ERR_LIMIT[1:0]
WD_ERR_LIMIT[1:0]
NOT_WD_RFR_LIMIT[1:0]
WD_RFR_LIMIT[1:0]
NOT_WD_FAIL_IMPACT[1:0]
WD_FAIL_IMPACT[1:0]
CLR_FLT_ERR_CNT
FCCU12_FLT_POL
NOT_CLR_FLT_ERR_CNT
Table 47. List of registers modifiable only during INIT_RUN state...continued
The following registers are protected after the first WD_OK in the INIT_RUN if the watchdog is enabled. These
are:
Register name
Register names (Continued)
FLT_ERR_CNT_LIMIT[1:0]
NOT_FLT_ERR_CNT_LIMIT[1:0]
WD_ERR_LIMIT[1:0]
NOT_WD_ERR_LIMIT[1:0]
WD_RFR_LIMIT[1:0]
NOT_WD_RFR_LIMIT[1:0]
WD_FAIL_IMPACT[1:0]
NOT_WD_FAIL_IMPACT[1:0]
CLR_FLT_ERR_CNT
NOT_CLR_FLT_ERR_CNT
Table 48. INIT_RUN protected registers after first WD_OK if watchdog enabled.
17.11 Fault error counter
A fault error counter is implemented to count the number of faults occurring in the application and based on
system reaction. The limit value of the fault error counter is programmable using the FLT_ERR_CNT_LIMIT[1:0]
bits.
Note: “FLT_ERR_CNT_LIMIT[1:0]” should be initialized in the application once during system power-up.
Changing it during normal operation may reset the FLT_ERR_CNT value.
FLT_ERR_CNT_LIMIT[1:0]
Configure the maximum value of the Fault error counter
00
Max value = 1
01 (Reset State)
Max value = 2
10
Max value = 6
11
Max value = 12
Table 49. FLT_ERR_CNT_LIMIT[1:0] description
The fault error counter value is stored in the FLT_ERR_CNT[3:0] bits and starts at “0” after a POR. The
FLT_ERR_CNT[3:0] may be cleared in the application via I2C by writing 0b1 to the CLR_FLT_ERR_CNT bit and
0b0 to the NOT_CLR_FLT_ERR_CNT bit.
The FLT_ERR_CNT[3:0] decrements by '1' when the watchdog timer is refreshed after the watchdog refresh
counter reaches its maximum value.
Note: Use the CLR_FLT_ERR_CNT bit only if the watchdog is disabled. If watchdog is enabled, use that
to decrement the FLT_ERR_CNT[3:0]. Using the CLR_FLT_ERR_CNT when watchdog is enabled is not
recommended.
The fault error counter is incremented each time an assigned fault occurs.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
56 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com