Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA0ES Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 50Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 51Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 52Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 53Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 54Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 55Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 56Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 57Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
PGOODx is toggled, FLT_ERR_CNT incremented and the watchdog restarted. The state machine will return
to INIT_RUN state or deep fail-safe based on the watchdog fault impact settings (independent of PGOODx
behavior).
17.7 FS0B pin
The FS0B pin indicates to the system status of the various safety mechanisms being handled by the FS5600.
This includes indication of health of internal circuitry (via ABIST), a valid watchdog, valid SW1, SW2, VMON1,
VMON2, VMON3, and VMON4, valid ERRMON, valid FCCU, and monitoring of PGOOD1/2.
The FS0B pin is released high in the NORMAL state. It is asserted low in all other states.
The FS0B pin is internally held low when a valid VIN is present with EN1 and EN2 = Low. It is also asserted low
if the VIN pin has a disconnection, provided SW1IN pin is connected.
FS0B is a global pin, and can be pulled up to VIN if required in the system.
17.7.1 FS0B pin electrical specifications
All parameters are specified at TA = –40 °C to 125 °C, VIN = 12 V, and typical external component values,
unless otherwise noted. Typical values are specified at 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
FS0B_VOH (10 kohm pullup to VDDIO)
FS0B_VOH —
—
VDDIO – 0.5
V
FS0B_VOL(10 kohm pullup to VDDIO)
FS0B_VOL
0.4
—
—
V
Table 46. FS0B pin electrical specifications
17.8 PGOOD1, PGOOD2, FS0B stuck at fault check
PGOOD1, PGOOD2, and FS0B pins are continually monitored by digital to catch 'stuck-at' faults. The output at
these pins is compared to the internal digital command in real time.
PGOOD1_STUCK_AT_1 = 1 indicates that PGOOD1 pin is stuck at 1.
PGOOD1_STUCK_AT_0 = 1 indicates that PGOOD1 pin is stuck at 0.
PGOOD2_STUCK_AT_1 = 1 indicates that PGOOD2 pin is stuck at 1.
PGOOD2_STUCK_AT_0 = 1 indicates that PGOOD2 pin is stuck at 0.
FS0B_STUCK_AT_1 = 1 indicates that FS0B pin is stuck at 1.
FS0B_STUCK_AT_0 = 1 indicates that FS0B pin is stuck at 0.
During ABIST, the PGOOD1, PGOOD2, and FS0B are to be checked to ensure they are at logic low. If any of
them is not at logic low during ABIST, the corresponding 'STUCK_AT_1' bit is set.
When the FS56 releases PGOOD1, PGOOD2 or FS0B high, it monitors the pin to ensure it is at logic high. If
not, the corresponding 'STUCK_AT_0' bit is set set.
Note: There is no state transition due to stuck-at-faults. The FS5600 only reports stuck at faults via the
corresponding I2C bits. System software should evaluate the status of these bits to control state transitions.
17.9 I2C robustness
17.9.1 I2C CRC verification
When this feature is enabled, a selectable CRC verification is performed on each I2C transaction.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
54 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com