Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4102 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 2 Page - LSI Computer Systems

  LR4102 Datasheet HTML 1Page - LSI Computer Systems LR4102 Datasheet HTML 2Page - LSI Computer Systems LR4102 Datasheet HTML 3Page - LSI Computer Systems LR4102 Datasheet HTML 4Page - LSI Computer Systems LR4102 Datasheet HTML 5Page - LSI Computer Systems LR4102 Datasheet HTML 6Page - LSI Computer Systems LR4102 Datasheet HTML 7Page - LSI Computer Systems LR4102 Datasheet HTML 8Page - LSI Computer Systems LR4102 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TinyRISC LR4102 Microprocessor
LR4102 Features
Components
• R3000 MIPS CPU executes
MIPS II and MIPS16
instructions
• 32-bit FBus, a fast
demultiplexed multimaster
bus, with built in control of:
–
RAM, EPROM, or similar
simple devices
–
DRAM and SDRAM
–
General-purpose I/O
• Two 32-bit Timers
• FastMDU
–
4/5 cycle multiply and
accumulate (32-bit to
64-bit)
–
34/35 cycle divide
• BBCC with four writeback
buffers included
• MMU with 64-entry TLB RAM
• EJTAG Version 2.0.0:
–
Nonintrusive debug
–
Real-time PC trace
–
Hardware breakpoints
• SerialICE-1 Port included for
backward compatibility with
other TinyRISC designs
• JTAG Boundary Scan
• On-Chip Memory (OCM),
1 Kbyte
• Caches
–
16 Kbytes of two-way
set-associative I-Cache
–
8 Kbytes of direct-mapped
D-Cache
• Clock module with integrated
PLL and programmable clock
speeds
Technology
• LSI Logic G11 Technology
–
0.18
µ L
eff (0.25 µ drawn)
–
2.5 or 1.8 V operation
Performance and Compatibility
• Clock speed is 85 MHz at 2.5 V
(85 MIPS peak and estimated
68 MIPS sustained)
• Low power mode allows LR4102
to use minimal power when idle
• Compatible with the full range of
MIPS and third-party software
development tools
• 16-bit and 32-bit code can be
mixed arbitrarily with full support
on a subroutine basis
• All instructions execute in one
cycle except for Load and Store,
Move To Coprocessor, and Move
From Coprocessor, which
execute in two cycles, and MDU
instructions, which execute in
several cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com