Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4102 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 4 Page - LSI Computer Systems

  LR4102 Datasheet HTML 1Page - LSI Computer Systems LR4102 Datasheet HTML 2Page - LSI Computer Systems LR4102 Datasheet HTML 3Page - LSI Computer Systems LR4102 Datasheet HTML 4Page - LSI Computer Systems LR4102 Datasheet HTML 5Page - LSI Computer Systems LR4102 Datasheet HTML 6Page - LSI Computer Systems LR4102 Datasheet HTML 7Page - LSI Computer Systems LR4102 Datasheet HTML 8Page - LSI Computer Systems LR4102 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
TinyRISC LR4102 Microprocessor
The EJTAG with PC Trace output provides real-time program counter
(PC) trace and breakpoint capability in an EJTAG compatible debug
design. PC trace outputs are provided through the Extended Debug
MACRO for complete and accurate chip debug. A SerialICE-1 Port
(UART) is also included in the LR4102 to provide backward compatibility
with previous TinyRISC designs.
Pipeline Architecture
The LR4102 implements a 3-stage pipeline (Fetch, Execute, and
Writeback) that uses a single adder for the ALU, the data address, and
the instruction address. Sharing a single adder dramatically reduces the
circuitry required to implement the microprocessor, and eliminates
pipeline registers and bypass logic. The LR4102 design does not require
a load delay slot. Figure 2 shows the microprocessor CPU 3-stage
pipeline.
Figure 2
LR4102 CPU Pipeline with X2 Stall Cycle
The execution of a single LR4102 instruction consists of the following
three pipeline stages:
1.
Instruction Fetch – The LR4102 fetches the instruction (IF), and if
necessary, decompresses a 16-bit instruction into a 32-bit
instruction.
2.
Execute – The LR4102 executes all ALU instructions, resolves
conditional branches, and calculates load and store addresses (X1).
The CPU then transfers load or store data from external memory or
cache and performs move to/from coprocessor operations in a second
execute (stall) cycle (X2), which is only inserted when required.
3.
Writeback – The LR4102 writes the results into the register file (WB).
X1
X2
WB
Execute
Writeback
Instruction Fetch
IF
Stall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com