Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4102 Datasheet(PDF) 28 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 28 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 24Page - LSI Computer Systems LR4102 Datasheet HTML 25Page - LSI Computer Systems LR4102 Datasheet HTML 26Page - LSI Computer Systems LR4102 Datasheet HTML 27Page - LSI Computer Systems LR4102 Datasheet HTML 28Page - LSI Computer Systems LR4102 Datasheet HTML 29Page - LSI Computer Systems LR4102 Datasheet HTML 30Page - LSI Computer Systems LR4102 Datasheet HTML 31Page - LSI Computer Systems LR4102 Datasheet HTML 32Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
TinyRISC LR4102 Microprocessor
SD_OEN_CASN
BT12LS
12 mA output buffer
SD_RASN
BT12LS
12 mA output buffer
SD_RASN0_CSN0
BT12LS
12 mA output buffer
SD_RASN1_CSN1
BT12LS
12 mA output buffer
SD_WEN_WEN
BT12LS
12 mA output buffer
SDCLKP
BT8LS
8 mA output buffer
SDONEP
BT12LS
12 mA output buffer
SELECT_CKOUT1N
IBUFLS
Input buffer
SELECT_PLLN
IBUFLS
Input buffer
STOPN
BD12CULS
12 mA Bi-directional buffer with pull-up
T0_OUTN
BT8LS
8 mA output buffer
T1_OUTN
BT8LS
8 mA output buffer
TCK
IBUFULS
Input buffer with pull-up
TDI_DINT
IBUFULS
Input buffer with pull-up
TDO_TPC
BT8LS
8 mA output buffer
TMS
IBUFULS
Input buffer with pull-up
TN
IBUFULS
Input buffer with pull-up
TPC[4:2]
BD8CDLS
8 mA Bi-directional buffer with pull-
down
TRDYN
BD12CULS
12 mA Bi-directional buffer with pull-up
TRST
IBUFULS
Input buffer with pull-up
Table 20
I/O Driver Types (Cont.)
(Sheet 3 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com