Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4102 Datasheet(PDF) 14 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 14 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 10Page - LSI Computer Systems LR4102 Datasheet HTML 11Page - LSI Computer Systems LR4102 Datasheet HTML 12Page - LSI Computer Systems LR4102 Datasheet HTML 13Page - LSI Computer Systems LR4102 Datasheet HTML 14Page - LSI Computer Systems LR4102 Datasheet HTML 15Page - LSI Computer Systems LR4102 Datasheet HTML 16Page - LSI Computer Systems LR4102 Datasheet HTML 17Page - LSI Computer Systems LR4102 Datasheet HTML 18Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
TinyRISC LR4102 Microprocessor
Clocking
Interface
EXTAL
Input from crystal/Oscillator
Input
XTAL
Output to crystal
Output
PBCLKP
FAPI clock
Output
SDCLKP
SDRAM clock
Output
DIVC[1:0]
The divide value for DIV C upon reset
Input
DIVA[1:0]
The divide value for DIV A
Input
SELECT_PLLN
Control clock source MUX
Input
RESET_OUTN
Delayed reset signal for FAPI bus
Output
PLLENP
Enable PLL
Input
PLLENARSTP
Enable PLL auto reset
Input
Timer Interface
T0_OUTN
Timer 0 output
Output
T1_OUTN
Timer 1 output
Output
SerialICE-1
Interface
ICECLKP
SerialICE-1 Port clock
Input
ICERXP
SerialICE-1 Port receive
Input
ICETXP
SerialICE-1 Port transmit
Output
EJTAG Interface
and JTAG
boundary scan
signals
TCK
EJTAG Interface clock
Input
TMS
EJTAG Interface mode select
Input
TDI_DINT
EJTAG Interface data in/Debug interrupt
Input
TDO_TPC
EJTAG Interface data out/PC out
Output
TRST
EJTAG Interface reset
Input
PC Trace Output DCLK
PC Trace clock output
Output
PCST1[2:0]
PC Trace status set 1 [2:0]
Output
TPC[4:2]
PC Trace PC out [4:2]
Output
Table 5
LR4102 Signal List (Cont.)
Signal Group
Mnemonic Name
Functional Description
I/O
(Sheet 2 of 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com