Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4102 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 1 Page - LSI Computer Systems

  LR4102 Datasheet HTML 1Page - LSI Computer Systems LR4102 Datasheet HTML 2Page - LSI Computer Systems LR4102 Datasheet HTML 3Page - LSI Computer Systems LR4102 Datasheet HTML 4Page - LSI Computer Systems LR4102 Datasheet HTML 5Page - LSI Computer Systems LR4102 Datasheet HTML 6Page - LSI Computer Systems LR4102 Datasheet HTML 7Page - LSI Computer Systems LR4102 Datasheet HTML 8Page - LSI Computer Systems LR4102 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
March 2000
1
Copyright © 1998–2000 by LSI Logic Corporation. All rights reserved.
TinyRISC® LR4102
Microprocessor
Datasheet
The TinyRISC LR4102 Microprocessor is a compact, high performance
32-bit microprocessor implemented in the LSI Logic G11™ technology.
The LR4102 is a complete microprocessor solution with caches, an
external bus interface with built-in memory controllers, and on-chip
debug. The LR4102 is built using the EZ4102 EasyMACRO subsystem,
available to customers through the LSI Logic CoreWare® program.
The LR4102 provides a 32-bit FBusMACRO to control all off-chip data
transactions (including DRAM or SDRAM) and an EJTAG interface for
on-chip debug with PC trace output. Figure 1 illustrates the LR4102 chip.
Figure 1
LR4102 Block Diagram
The LR4102 microprocessor is powered by either 2.5 V (for 85 MHz
operation) or 1.8 V (for 50 MHz operation). The chip I/O ring requires
3.3 V. With a system clock of 85 MHz, peak performance is 85 MIPS and
sustained performance is estimated at 68 MIPS. With a 50 MHz clock,
performance is 50 MIPS peak and 40 MIPS sustained.
LR4102
Two 32-bit Timers
SerialICE™-1 Port
EJTAG
OCM
EJTAG
SerialICE-1
MMU
BIU and Cache
32-bit TinyRISC
Controller (BBCC)
FBus-
TLB RAM
MACRO
PC Trace
FBus
Clock
Controller
Output
4102 CPU
and FastMDU
Interface
Interface
EJTAG
Caches
Extended Debug MACRO


Similar Part No. - LR4102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
LR41 TOSHIBA-LR41 Datasheet
929Kb / 5P
Alkaline Managaness Button-tupe battery
April 21, 2020
logo
Unisonic Technologies
LR41218-AG6-R UTC-LR41218-AG6-R Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
LR41218G-AG6-R UTC-LR41218G-AG6-R Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
LR41218G-AG6-R UTC-LR41218G-AG6-R Datasheet
178Kb / 7P
Dual Low-Noise 200mA LDO REGULATOR
LR41218L-AG6-R UTC-LR41218L-AG6-R Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
More results

Similar Description - LR4102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
Microprocessor
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
Microprocessor
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
MICROPROCESSOR
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
MICROPROCESSOR
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
Microprocessor
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
Microprocessor
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
MICROPROCESSOR
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com