Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4102 Datasheet(PDF) 16 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 16 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 12Page - LSI Computer Systems LR4102 Datasheet HTML 13Page - LSI Computer Systems LR4102 Datasheet HTML 14Page - LSI Computer Systems LR4102 Datasheet HTML 15Page - LSI Computer Systems LR4102 Datasheet HTML 16Page - LSI Computer Systems LR4102 Datasheet HTML 17Page - LSI Computer Systems LR4102 Datasheet HTML 18Page - LSI Computer Systems LR4102 Datasheet HTML 19Page - LSI Computer Systems LR4102 Datasheet HTML 20Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
TinyRISC LR4102 Microprocessor
FBus Interface
TRDYN
Target ready
Bidirectional
Test Interface
CSHTSTP
Cache test enable
Input
IDDTN
IDD test
Input
JTAGALSOP
JTAG controller present
Input
PMON_OUTP
Process monitor output
Output
SCAN_ENABLEP
Enable scan chain loading
Input
SCAN__INP
Input to the scan chain
Input
SCAN_MODEP
Enable scan testing
Input
SCAN_OUTP
Output from the scan chain
Output
SCAN_RAMWEP
RAM write enable
Input
SELECT_CKOUT1N
Select PLL test
Input
TN
3-state all LR4102 output and bidirectional
signals
Input
Power Lines
VDD, VDD2
VDD for CPU core and oscillator 2.5 V or
1.8 V
Power
VDD4
VDD for I/O 3.3 V
Power
PLLVDD1
VDD to PLL 2.5 V. Requires VDD CPU core
and oscillator at 2.5 V, since PLL must be
disabled for VDD CPU core and clock at
1.8 V
Power
VSS, VSS2, VSS4,
PLLVSS1
VSS for CPU core, clock, I/O and PLL
Power
Table 5
LR4102 Signal List (Cont.)
Signal Group
Mnemonic Name
Functional Description
I/O
(Sheet 4 of 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com