Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4102 Datasheet(PDF) 22 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 22 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 18Page - LSI Computer Systems LR4102 Datasheet HTML 19Page - LSI Computer Systems LR4102 Datasheet HTML 20Page - LSI Computer Systems LR4102 Datasheet HTML 21Page - LSI Computer Systems LR4102 Datasheet HTML 22Page - LSI Computer Systems LR4102 Datasheet HTML 23Page - LSI Computer Systems LR4102 Datasheet HTML 24Page - LSI Computer Systems LR4102 Datasheet HTML 25Page - LSI Computer Systems LR4102 Datasheet HTML 26Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
TinyRISC LR4102 Microprocessor
T1_OUTN2
2.7
8.9
ns
TRDYN
0.8
7.2
ns
1. With 65 pF load
2. This signal is related to the system clock, but not to the FAPI bus (see
Figure 5 note).
3. This signal is related to both the system clock and the FAPI bus (see
Figure 5 note).
Table 12
AC Output Timing with respect to rising edge of
SDCLKP1
1. With 65 pF load.
Output Signal1
Min
Max
Units
FADDRP[28:0]
1.7
6.9
ns
FADP[31:0]
1.2
8.3
ns
SD_CASN[3:0]_DMP[3:0]
1.7
6.9
ns
SD_OEN_CASN
1.8
6.6
ns
SD_RASN
1.7
6.4
ns
SD_RASN[1:0]_CSN[1:0]
1.7
6.8
ns
SD_WEN_WEN
1.8
6.6
ns
Table 13
AC Output Timing with respect to falling edge of TCK
Output Signal1
1. With 65 pF load
Min
Max
Units
TDO_TPC
2.1
8.9
ns
Table 11
AC Output Timing with respect to rising edge of
PBCLKP1 (Cont.)
Output Signal1
Min
Max
Units
(Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com