Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 13 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 13 Page - SiGe Semiconductor, Inc.

Back Button SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 12Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 13Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 14Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 15Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 16Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
13 of 16
QA040406
Package Information
Figure 17 shows the detailed device package diagram. The pads on the SiGe RF modules are plated with gold over
nickel, with a gold thickness of approx. 0.75 to 1.0 um. The modules can be reflowed onto FR4 based material using
eutectic Pb based or common tin based Pb free solder pastes.
TOP SIDE
BOTTOM SIDE
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
GND
GND
GND
GND
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
321
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GNDGND
GNDGND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
SIGNAL PAD
DETAIL
GROUND PAD
DETAIL
NOTES :
Figure 17: SE2521A60 Package Diagram
Package Handling Information
Because of its sensitivity to moisture absorption, instructions on the shipping container label must be followed
regarding exposure to moisture after the container seal is broken, otherwise, problems related to moisture absorption
may occur when the part is subjected to high temperature during solder assembly. The SE2521A60 is capable of
withstanding a Pb free solder reflow. Care must be taken when attaching this product, whether it is done manually or
in a production solder reflow environment. If the part is manually attached, precaution should be taken to insure that
the device is not subjected to temperatures above its rated peak temperature for an extended period of time. For
details on both attachment techniques, precautions, and handling procedures recommended by SiGe, please refer to:
SiGe’s Application Note: “Land Grid Array Module Solder Reflow & Rework Information”, Document Number 69-
APP-01
.
SiGe’s Application Note: “Handling, Packing, Shipping and Use of Moisture Sensitive LGA”, Document Number
69-APP-02
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com