Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE2521A60-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
2 of 16
QA040406
Pin Out Diagram
1
GND
2
VCC1
3
VCC1
4
GND
5
GND
17 C4
16 C3
15 C2
14 C1
13 PD_OUT
24
23
22
21
20
19
6
7
8
9
10
11
18
12
Figure 2: SE2521A60 Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
1
GND
Ground
2
VCC1
+3.3 V DC
3
VCC1
+3.3 V DC
4,5
GND
Ground
6
TX_IN
Transmit Input
7,8,9
GND
Ground
10
RX_OUT
Receive Output
11
N/C
No Connect
12
TXEN
Transmit Enable
13
PD_OUT
Power Detector
14
C1
Control 1 Input
15
C2
Control 2 Input
16
C3
Control 3 Input
17
C4
Control 4 Input
18
ANT_B
Antenna B (50 ohm)
19,20
GND
Ground
21
ANT_A
Antenna A (50 ohm)
22,23,24
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com