Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 8 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 8 Page - SiGe Semiconductor, Inc.

Back Button SE2521A60-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 12Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
8 of 16
QA040406
Typical Performance Data (Ambient Temperature)
Conditions: VCC = VEN = 3.3 V, Frequency = 2450 MHz, TA = 25
°C, as measured on SiGe Semiconductor’s
SE2521A60-EV1 evaluation board , all unused ports terminated with 50 ohms, unless otherwise noted.
802.11g Typical Performance
Conditions: 54Mbps 802.11g OFDM Signal
802.11g EVM vs. Output Pow er over Frequency (25 C, 3.3V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Output Pow er (dBm )
2400 MHz
2450 MHz
2500 MHz
802.11g EVM vs. Output Pow er over Voltage (2450 MHz, 25 C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Pow er (dBm )
2.7 V
3.0 V
3.3 V
3.6 V
Figure 4: 802.11g Typical EVM Performance: (a) Over Frequency, (b) Over Voltage
802.11g OFDM ICC vs. Output Pow er over Frequency (25 C, 3.3 V)
100
120
140
160
180
200
220
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Output Pow er (dBm )
2400 MHz
2450 MHz
2500 MHz
Figure 5: 802.11g Typical Current Consumption (ICC) Performance over Frequency
802.11b Typical Performance
802.11B ACPR-Adj vs. Output Pow er over Voltage
(25 C, 2450 MHz, 802.11b 11 Mbps Signal)
-40
-38
-36
-34
-32
-30
-28
-26
10
11 12
13
14 15
16
17 18
19 20
21
22 23
24
25 26
27
Output Pow er (dBm )
2.7 V
3.0 V
3.3 V
3.6 V
802.11B ACPR-Alt vs. Output Pow er over Voltage
(25 C, 2450 MHz, 802.11b 11Mbps Signal)
-70
-65
-60
-55
-50
-45
-40
10 11
12 13
14 15 16
17 18
19 20
21 22 23
24 25
26 27
Output Pow er (dBm )
2.7 V
3.0 V
3.3 V
3.6 V
(a)
(b)
Figure 6: 802.11b Typical ACPR Performance (11 Mbps, CCK, BT = 0.45) (a) 802.11b ACPR-ADJ vs. POUT
over Voltage and (b) 802.11b ACPR-ALT vs. POUT over Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com