Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  SE2521A60-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
4 of 16
QA040406
Logic Characteristics
Conditions: VCC = VEN = 3.3 V, TA = 25
°C, as measured on SiGe Semiconductor’s SE2521A60-EV1 evaluation
board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VENH
Logic High Voltage
(Module On)
-
2.0
-
VCC
V
VENL
Logic Low Voltage
(Module Off)
-
0
-
0.5
V
IENH
Input Current Logic
High Voltage
-
-1
-
200
µA
IENL
Input Current Logic
Low Voltage
-
-1
-
1
µA
Switch Characteristics
Conditions: VCC = VEN = 3.3 V, TA = 25
°C, as measured on SiGe Semiconductor’s SE2521A60-EV1 evaluation
board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCTL_ON
Control Voltage
(On State)
-
3.0
-
3.6
V
VCTL_OFF
Control Voltage
(OFF State)
-
0.0
-
0.2
V
SWON
Low Loss Switch
Control Voltage
High State = VCTL_ON -
VCTL_OFF
2.8
-
VCC
V
SWOFF
High Loss Switch
Control Voltage
Low State = VCTL_OFF -
VCTL_OFF
0
-
0.3
V
ICTL_ON
Switch Control Bias
Current (RF Applied)
On pin (C1,C2,C3,C4)
being driven high. RF
Applied
-
-
100
µA
ICTL_ON
Switch Control Bias
Current (No RF)
On pin (C1,C2,C3,C4)
being driven high. No RF
-
-
30
µA
CCTL
Control Input
Capacitance
-
-
-
100
pF
Switch Control Logic Table
Switch Logic
Operational Mode
C1
C4
C2
C3
TXRF – ANTA
TXRF – ANTB
RXRF – ANTA
RXRF – ANTB
SWON
SWOFF
SWOFF
SWOFF
ON
OFF
OFF
OFF
SWOFF
SWON
SWOFF
SWOFF
OFF
ON
OFF
OFF
SWOFF
SWOFF
SWON
SWOFF
OFF
OFF
ON
OFF
SWOFF
SWOFF
SWOFF
SWON
OFF
OFF
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com