Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  SE2521A60-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
3 of 16
QA040406
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below. This device is ESD sensitive. Handling and assembly of this device should be at ESD protected
workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on VCC
-0.3
4.0
V
TXEN
Power Amplifier Enable
-0.3
4.0
V
TXRF
RF Input Power
-
2.0
dBm
TA
Operating Temperature Range
-20
85
°C
TSTG
Storage Temperature Range
-40
150
°C
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
TA
Ambient Temperature
0
25
85
°C
DC Electrical Characteristics
Conditions: VCC = VEN = 3.3 V, TA = 25
°C, as measured on SiGe Semiconductor’s SE2521A60-EV1 evaluation
board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
POUT = 18 dBm, 54 Mbps
OFDM signal, 64QAM
165
180
230
mA
ICC-G
Total Supply Current
POUT = 15 dBm, 54 Mbps
OFDM signal, 64QAM
110
150
215
mA
ICC-B
Total Supply Current
POUT = 20 dBm, 11 Mbps
CCK signal, BT = 0.45
175
205
275
mA
ICC_OFF
Total Supply Current
VEN = 0 V, No RF Applied,
C1 = C2 = C3 = C4 = 0 V
-
2
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com