Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 9 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 9 Page - SiGe Semiconductor, Inc.

Back Button SE2521A60-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 12Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 13Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
9 of 16
QA040406
2nd, 3rd Harm onics vs. Output Pow er
(25 C, 2450 MHz, 802.11b 1 Mbps CCK Signal)
-70
-65
-60
-55
-50
-45
-40
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Output Pow er (dBm )
2nd Harmonic
3rd Harmonic
Figure 7: 802.11b Typical Harmonic Performance (1 Mbps, CCK)
CW Typical Performance
IMD3, IMD5 vs. Output Pow er (25 C, 2450 MHz, CW)
-80
-70
-60
-50
-40
-30
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Pow er (dBm )
IMD3
IMD5
P1dB vs. Frequency (25 C, 3.3 V, CW)
24
24.5
25
25.5
26
26.5
27
2400
2420
2440
2460
2480
2500
Frequency (MHz)
25
26
27
28
29
30
31
32
33
P1dB
Gain
(a)
(b)
Figure 8: Typical CW Performance (a) IMD3, IMD5 vs. Output Power, (b) P1dB, Gain vs. Frequency
Detector Performance
VDET vs. Output Pow er over Frequency (25 C, 3.3 V, CW)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2
4
6
8
10
12
14
16
18
20
22
Output Pow er (dBm )
2400 MHz
2450 MHz
2500 MHz
VDET vs. Output Pow er over Voltage (25 C, 2450 MHz, CW)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2
4
6
8
10
12
14
16
18
20
22
Output Pow er (dBm )
2.7 V
3.0 V
3.3 V
3.6 V
(a)
(b)
Figure 9: Typical Power Detector Response: (a) Over Frequency, (b) Over Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com