Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  SE2521A60-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
5 of 16
QA040406
AC Electrical Characteristics
802.11g Transmit Characteristics
Conditions: VCC = VEN = 3.3 V, TA = 25
°C, as measured on SiGe Semiconductor’s SE2521A60-EV1 evaluation
board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2400
-
2500
MHz
P802.11g
Output power
54 Mbps OFDM signal,
64QAM, EVM = 2.0 %
-
18
-
dBm
P802.11b
Output power
11 Mbps CCK signal,
BT = 0.45
ACPR(Adj) < -32
ACPR(Alt) < -52
-
23
-
dBm
P1dB
P1dB
-
22.5
25.5
-
dBm
S21
Small Signal Gain
-
25
-
33
dB
∆S21
Small Signal Gain
Variation Over Band
-
-
1.0
3.0
dB
S213.2
Gain @ 3.2 to 3.3 GHz
-
-
0
7
dB
2f,3f
Harmonics
Pout = 19 dBm, 2 Mbps,
802.11b CCK
-
-49
-42
dBm/MHz
IM3
3
rd Order Inter-
modulation
f1 and f2 at Fc +/- 312.5
kHz, P = 15 dBm
-
-40
-33
dBc
IM5
5
th Order Inter-
modulation
f1 and f2 at Fc +/- 312.5
kHz, P = 15 dBm
-
-55
-47
dBc
tr
Rise Time
10 % to 90% of final
output power level
-
0.12
0.5
µs
tdr, tdf
Delay and rise/fall
Time
50 % of VEN edge and
90/10 % of final output
power level
-
-
1.0
µs
S11
Input Return Loss
-
4.5
6.5
-
dB
STAB
Stability
PIN ≤ -2 dBm
Load VSWR = 6:1
All non-harmonically related outputs less than
-50 dBc/1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com