Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 5 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 5 Page - Oxford Semiconductor

  OXCF950 Datasheet HTML 1Page - Oxford Semiconductor OXCF950 Datasheet HTML 2Page - Oxford Semiconductor OXCF950 Datasheet HTML 3Page - Oxford Semiconductor OXCF950 Datasheet HTML 4Page - Oxford Semiconductor OXCF950 Datasheet HTML 5Page - Oxford Semiconductor OXCF950 Datasheet HTML 6Page - Oxford Semiconductor OXCF950 Datasheet HTML 7Page - Oxford Semiconductor OXCF950 Datasheet HTML 8Page - Oxford Semiconductor OXCF950 Datasheet HTML 9Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 5 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
9.1
3.0V TO 3.6V OPERATION............................................................................................................................................... 57
9.2
2.7V – 3.6V OPERATION.................................................................................................................................................. 58
10
TIMING WAVEFORMS / AC CHARACTERISTICS ......................................................................... 59
10.1
MEMORY ACCESS........................................................................................................................................................... 59
10.2
I/O ACCESS...................................................................................................................................................................... 60
11
PACKAGE INFORMATION.............................................................................................................. 62
12
ORDERING INFORMATION ............................................................................................................64
NOTES ........................................................................................................................................................ 65
CONTACT DETAILS................................................................................................................................... 66
DISCLAIMER .............................................................................................................................................. 66
REVISION HISTORY
REV
DATE
REASON FOR CHANGE / SUMMARY OF CHANGE
Jul 2005
05/07/2005
Revision for additional order code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com