Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 9 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 9 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 5Page - Oxford Semiconductor OXCF950 Datasheet HTML 6Page - Oxford Semiconductor OXCF950 Datasheet HTML 7Page - Oxford Semiconductor OXCF950 Datasheet HTML 8Page - Oxford Semiconductor OXCF950 Datasheet HTML 9Page - Oxford Semiconductor OXCF950 Datasheet HTML 10Page - Oxford Semiconductor OXCF950 Datasheet HTML 11Page - Oxford Semiconductor OXCF950 Datasheet HTML 12Page - Oxford Semiconductor OXCF950 Datasheet HTML 13Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 9 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
the transmitter will complete the current character and enter
the idle mode until the CTS# pin is reasserted. Note: flow
control characters are transmitted regardless of the state of
the CTS# pin.
28 (E5)
I
DSR#
Rx_Clk_In
Active-low modem data-set-ready input. If automated DSR#
flow control is enabled, upon de-assertion of the DSR# pin,
the transmitter will complete the current character and enter
the idle mode until the DSR# pin is reasserted. Note: flow
control characters are transmitted regardless of the state of
the DSR# pin
External receiver clock for isochronous applications. The
Rx_Clk_In is selected when register CKS[1:0] = ’01’
30 (D5)
I
RI#
Tx_Clk_In
Active-low modem Ring-indicator input
External transmitter clock. This clock can be used by the
transmitter (and indirectly by the receiver) when register
CKS[6] = ‘1’.
21 (F4)
O
XTLO
Crystal oscillator output
20 (H4)
I
XTLI
Crystal oscillator input or external clock pin. Frequency
1.8MHz -> 60MHz.
For 1.8 to 20 MHz, a crystal may be used. Above this range,
an external clock source is required.
34 (C6)
O
O
I
LBCS#
OUT1#
A[5]
Local Bus Mode : Active low local bus Chip select
C950 Mode: Active low OUT1
Normal Mode : Address bit 5
35 (C4)
O
O
I
LBRD#2
RXRDY#
A[6]
Local Bus Mode : Active-low local bus read enable
C950 Mode:Active low RXRDY
Normal Mode : Address bit 6
36 (B6)
O
O
I
LBWR#
TXRDY#
A[7]
Local Bus Mode : Active-low local bus write enable
C950 Mode:Active low TXRDY
Normal Mode : Address bit 7
33 (E4)
O
O
I
LBRST2
OUT2#
A[4]
Local Bus Mode : Active high local bus Reset
C950 Mode:Active low OUT2
Normal Mode : Address bit 4
EEPROM
13 (H1)
O
EE_CK
EEPROM clock. In normal operation the frequency of this is
XTLI input clock / 64. The clock is only active during
configuration following reset.
14 (G2)
O
EE_CS
EEPROM active-high Chip Select.
16 (G3)
I
EE_DI
EEPROM data in. This pin should be pulled up using 1-10k
resistor if an EEPROM is used, or pulled up/down depending
upon required stand-alone mode..
15 (H2)
O
EE_DO
EEPROM data out.
Miscellaneous Pins
18, 31
(G4, D6)
I/O
MIO[1:0]
User defined IO pins.
Note: that if enabled, MIO[1:0] can be used as an interrupt
inputs.
17 (H3)
I
MODE
Local Bus mode select. Note Local Bus mode requires
indirect addressing, which is only supported by the PCMCIA
specification
‘0’ = Normal Mode
(CF/PCMCIA compatible)
‘1’ = Local Bus Mode (PCMCIA compatible)
Power and Ground2
39, 19, 8
(A5, E3, D3)
G
GND
Ground (0 Volts). The GND pins should be tied to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com