Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 13 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 13 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 9Page - Oxford Semiconductor OXCF950 Datasheet HTML 10Page - Oxford Semiconductor OXCF950 Datasheet HTML 11Page - Oxford Semiconductor OXCF950 Datasheet HTML 12Page - Oxford Semiconductor OXCF950 Datasheet HTML 13Page - Oxford Semiconductor OXCF950 Datasheet HTML 14Page - Oxford Semiconductor OXCF950 Datasheet HTML 15Page - Oxford Semiconductor OXCF950 Datasheet HTML 16Page - Oxford Semiconductor OXCF950 Datasheet HTML 17Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 13 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
5 PCMCIA / CF TARGET CONTROLLER
5.1
Operation
Note: See section 0 for timing waveforms.
The OXCF950 responds to a number of different
CF/PCMCIA accesses (detailed below). Section 0 contains
timing diagrams and information for each of these types of
access.
•
Direct Common Memory read/writes: These are
required in Local Bus mode only to allow indirect
access to attribute memory. This type of access is
permitted before and after configuration to allow the
reading of the CIS information, but is only supported
by the PCMCIA specification. Only 8 bit data, even
byte accesses are performed to this memory as it is
only used for access to the indirect attribute memory.
If the host attempts to access an invalid address, the
value of 0xFF (null) is returned.
•
Direct Attribute Memory read/writes: Access to direct
attribute memory is required in both CF and PCMCIA
specifications. This memory space contains all the
configuration information for the device, as well as the
configuration registers. In CF systems, where only
direct access is permitted, this space is the only
memory space that is accessed by the host system. If
the host attempts to access common memory in this
mode, the device will return 0xFF telling the host that
there is no valid data in this space. In Local Bus
Mode, the direct attribute memory informs the host
that indirect access is enabled allowing the host to
perform indirect access to attribute memory, via
common memory. Valid data is 8 bits wide and on
even bytes only, for direct attribute memory (as
defined in the PCMCIA 7.1 standard)
•
Indirect Attribute Memory read/writes (Local Bus mode
only): Access to indirect attribute memory is
performed through direct common memory. This
allows the device to provide full functionality with only
4 address pins. This access is performed to read the
CIS and also read/write to configuration registers.
Valid data is 8 bit wide and on even bytes only, for
indirect attribute memory (as defined in the PCMCIA
7.1 standard).
•
IO read/writes: IO accesses are performed to access
the UART, local bus (Local Bus mode) and local
configuration registers. Data width is restricted to 8
bits, as required by the standard UART function. As
the device CIS information configures the card as a
single function device, no base addresses need to be
defined thus simplifying access to the function. As
reads and writes are immediate, there is no
requirement to hold the WAIT# signal in its active
state, thus providing maximum speed access to IO
space.
5.2
Configuration Space (Card Information
Structure)
5.2.1
Local Bus Mode Space Map
Direct
Indirect
Main CIS either:
a) Normal Default
b) Bluetooth Default
c) Custom CIS
(downloaded from
EEPROM)
0xFF
Common
(Valid at even
locations only)
0x00
0x00
0x00
0xFF
0xFF
0x00
0xFF
Indirect Access
Register
Hard Coded CIS to
link to indirect space
0x0F
0x10
0x0F
0x10
0x7F
0x80
Attribute
Function
Configuration
Registers
0xF6
0xF8
NOT VALID
NOT VALID
NOT VALID
Figure 4: Local Bus mode memory space map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com