Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 16 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 16 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 12Page - Oxford Semiconductor OXCF950 Datasheet HTML 13Page - Oxford Semiconductor OXCF950 Datasheet HTML 14Page - Oxford Semiconductor OXCF950 Datasheet HTML 15Page - Oxford Semiconductor OXCF950 Datasheet HTML 16Page - Oxford Semiconductor OXCF950 Datasheet HTML 17Page - Oxford Semiconductor OXCF950 Datasheet HTML 18Page - Oxford Semiconductor OXCF950 Datasheet HTML 19Page - Oxford Semiconductor OXCF950 Datasheet HTML 20Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 16 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
Each of the local configuration registers are explained in the following sections. The offsets assume normal or local bus mode,
and these are the offsets that should be used when accessing the registers via the EEPROM.
EEPROM Status and Control register ‘ESC’(Offset 0x08)
This register defines the control on the serial EEPROM. The individual bits are described in Table 7.
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:6
Reserved
-
R
000
5
EEPROM Overrun.
Set when an invalid EEPROM image causes the end of the EEPROM to be
read before the end of the programming sequence. In this state the
OXCF950 is set as though no EEPROM is attached.
This feature is new to OXCF950 rev B
-
R
0
4
EEPROM Data In.
For reads from the EEPROM this input bit is the output-data (DO) of the
external EEPROM connected to EE_DI pin
-
R
X
3
EEPROM Data Out.
For writes to the EEPROM, this output bit feeds the input-data of the
external EEPROM (DI). This bit is output on the devices EE_DO and
clocked into the EEPROM by EE_CK
-
R/W
0
2
EEPROM Clock.
For reads or writes to the external EEPROM toggle this bit to generate an
EEPROM clock (EE_CK pin)
-
R/W
0
1
EEPROM Chip Select.
When ‘1’ the EEPROM chip select pin EE_CS is activated (high). When ‘0’
EE_CS is de-activated (low)
-
R/W
0
0
EEPROM Valid
A ‘1’ indicates that a valid EEPROM program header is present
-
R
X
Table 7: EEPROM Status and Control Register
Multi-Purpose I/O Configuration register ‘MIC’ (Offset 0x09)
This register configures the operation for the multi-purpose I/O pins ‘MIO[1:0]’ as follows
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:4
Reserved
-
R
0000
3:2
MIO1 Configuration register
00 -> MIO1 is a non-inverting input pin
01 -> MIO1 is an inverting input pin
10 -> MIO1 is an output pin driving ‘0’
11 -> MIO1 is an output pin driving ‘1’
W
R/W
00
1:0
MIO0 Configuration register
00 -> MIO0 is a non-inverting input pin
01 -> MIO0 is an inverting input pin
10 -> MIO0 is an output pin driving ‘0’
11 -> MIO0 is an output pin driving ‘1’
W
R/W
00
Table 8: Multi Purpose I/O Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com