Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 21 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 21 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 17Page - Oxford Semiconductor OXCF950 Datasheet HTML 18Page - Oxford Semiconductor OXCF950 Datasheet HTML 19Page - Oxford Semiconductor OXCF950 Datasheet HTML 20Page - Oxford Semiconductor OXCF950 Datasheet HTML 21Page - Oxford Semiconductor OXCF950 Datasheet HTML 22Page - Oxford Semiconductor OXCF950 Datasheet HTML 23Page - Oxford Semiconductor OXCF950 Datasheet HTML 24Page - Oxford Semiconductor OXCF950 Datasheet HTML 25Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 21 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
5.5.2
Configuration Status Register ‘CSR’ (Offset 0xFA)
The Configuration and Status Register is an optional register, supported by the OXCF950. The register allows additional control
over a function’s configuration and reports status related to the function’s configuration.
D7
D6
D5
D4
D3
D2
D1
D0
Changed
SigChg
IOIs8
RFU
Audio
PwrDwn
Intr
IntrAck
Field
Type
Description
Changed
R
If a PCMCIA/CF card is using the I/O interface, the function’s Pin Replacement
register is present and one or more of the state change signals in the Pin
Replacement Register are set to one(1), or one Event bits in the Extended Status
Register are set (1) and the corresponding Enable bit is set (1), the function shall
set this field to one (1).
If a PCMCIA/CF card is not using the I/O interface or the function’s Pin
Replacement register is not present, this field is undefined and should be
ignored.
SigChg1
R/W
This field serves as a gate for STSCHG#
If a PCMCIA/CF card is using the I/O interface and both the Changed and
SigChg fields are set to one (1), the function shall assert STSCHG#.
If a PCMCIA/CF card is using the I/O interface and this field is reset to zero (0),
the function shall not assert STSCHG#.
If a PCMCIA/CF card is not using the I/O interface or the function’s Pin
Replacement register is not present, this field is undefined and should be
ignored.
IOIs8
R/W
The host sets this field to one (1) when it can provide I/O cycles only with an 8-bit
D[7..0] data path. The card is guaranteed that accesses to the 16-bit registers will
occur as two byte accesses rather than as a single 16-bit access.
RFU
-
Reserved. Must be zero (0).
Audio2
R/W
This bit is set to one (1) to enable audio information on SPKR# when the card is
configured.
PwdDwn3
R/W
When the host sets this field to one (1), the function shall enter a power-down
state, if such a state exists.
If a PCMCIA/CF card function does not have a power-down state, the function
shall ignore this field.
Intr
R
Interrupt Request / Acknowledge – This field reports whether the function is
requesting interrupt servicing and may be used to acknowledge the host system
is ready to process another interrupt request from the PCMCIA/CF card.
The function shall set this field to one (1) when it is requesting interrupt service.
The function shall set this field to zero (0) when it is not requesting interrupt
service.
Writes to this field are ignored when the IntrAck field of all Configuration and
Status Registers on the PCMCIA/CF card are reset to zero (0).
IntrAck
R/W
Single function cards ignore this field on writes and always return zero (0).
Table 18: Configuration Status Register
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com