Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 32 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 32 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 28Page - Oxford Semiconductor OXCF950 Datasheet HTML 29Page - Oxford Semiconductor OXCF950 Datasheet HTML 30Page - Oxford Semiconductor OXCF950 Datasheet HTML 31Page - Oxford Semiconductor OXCF950 Datasheet HTML 32Page - Oxford Semiconductor OXCF950 Datasheet HTML 33Page - Oxford Semiconductor OXCF950 Datasheet HTML 34Page - Oxford Semiconductor OXCF950 Datasheet HTML 35Page - Oxford Semiconductor OXCF950 Datasheet HTML 36Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 32 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
6.2
Register Description Tables
The three address lines select the various registers in the UART. Since there are more than 8 registers, selection of the registers
is also dependent on the state of the Line Control Register ‘LCR’ and Additional Control Register ‘ACR’:
1. LCR[7]=1 enables the divider latch registers DLL and DLM.
2. LCR specifies the data format used for both transmitter and receiver. Writing 0xBF (an unused format) to LCR enables
access to the 650 compatible register set. Writing this value will set LCR[7] but leaves LCR[6:0] unchanged. Therefore, the
data format of the transmitter and receiver data is not affected. Write the desired LCR value to exit from this selection.
3. ACR[7]=1 enables access to the 950 specific registers.
4. ACR[6]=1 enables access to the Indexed Control Register set (ICR) registers as described on page 34.
Register
Name
Address
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
THR 1
000
W
Data to be transmitted
RHR 1
000
R
Data received
IER 1,2
650/950
Mode
CTS
interrupt
mask
RTS
interrupt
mask
Special
Char.
Detect
550/750
Mode
001
R/W
Unused
Alternate
sleep
mode
Sleep
mode
Modem
interrupt
mask
Rx Stat
interrupt
mask
THRE
interrupt
mask
RxRDY
interrupt
mask
FCR 3
650 mode
RHR Trigger
Level
THR Trigger
Level
750 mode
RHR Trigger
Level
FIFO
Size
Unused
950 mode
010
W
Unused
DMA
Mode /
Tx
Trigger
Enable
Flush
THR
Flush
RHR
Enable
FIFO
ISR 3
010
R
FIFOs
enabled
Interrupt priority
(Enhanced mode)
Interrupt priority
(All modes)
Interrupt
pending
LCR 4
011
R/W
Divisor
latch
access
Tx
break
Force
parity
Odd /
even
parity
Parity
enable
Number
of stop
bits
Data length
MCR 3,4
550/750
Mode
Unused
CTS &
RTS
Flow
Control
650/950
Mode
100
R/W
Baud
prescale
IrDA
mode
XON-Any
Internal
Loop
Back
Enable
OUT2
(Int En)
OUT1
RTS
DTR
LSR 3,5
Normal
Data
Error
Tx Empty
THR
Empty
Rx
Break
Framing
Error
Parity
Error
Overrun
Error
RxRDY
9-bit data
mode
101
R
9th Rx
data bit
MSR 3
110
R
DCD
RI
DSR
CTS
Delta
DCD
Trailing
RI edge
Delta
DSR
Delta
CTS
SPR 3
Normal
Temporary data storage register and
Indexed control register offset value bits
9-bit data
mode
111
R/W
Unused
9th Tx
data bit
Additional Standard Registers – These registers require divisor latch access bit (LCR[7]) to be set to 1.
DLL
000
R/W
Divisor latch bits [7:0] (Least significant byte)
DLM
001
R/W
Divisor latch bits [15:8] (Most significant byte)
Table 24: Standard 550 Compatible Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com