Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950 Datasheet(PDF) 39 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 39 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 35Page - Oxford Semiconductor OXCF950 Datasheet HTML 36Page - Oxford Semiconductor OXCF950 Datasheet HTML 37Page - Oxford Semiconductor OXCF950 Datasheet HTML 38Page - Oxford Semiconductor OXCF950 Datasheet HTML 39Page - Oxford Semiconductor OXCF950 Datasheet HTML 40Page - Oxford Semiconductor OXCF950 Datasheet HTML 41Page - Oxford Semiconductor OXCF950 Datasheet HTML 42Page - Oxford Semiconductor OXCF950 Datasheet HTML 43Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 39 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
6.6
Interrupts & Sleep Mode
The serial interrupt on the OXCF950 is routed through to
the OXCF950 interrupt control, regardless of MCR[3].
6.6.1
Interrupt Enable Register ‘IER’
Serial channel interrupts are enabled using the Interrupt
Enable Register (‘IER’).
IER[0]: Receiver data available interrupt mask
logic 0
⇒Disable the receiver ready interrupt.
logic 1
⇒Enable the receiver ready interrupt.
IER[1]: Transmitter empty interrupt mask
logic 0
⇒Disable the transmitter empty interrupt.
logic 1
⇒Enable the transmitter empty interrupt.
IER[2]: Receiver status interrupt
Normal mode:
logic 0
⇒ Disable the receiver status interrupt.
logic 1
⇒ Enable the receiver status interrupt.
9-bit data mode:
logic 0
⇒ Disable receiver status and address bit
interrupt.
logic 1
⇒
Enable receiver status and address bit
interrupt.
In 9-bit mode (i.e. when NMR[0] is set) reception of a
character with the address-bit (9th bit) set can generate a
level 1 interrupt if IER[2] is set.
IER[3]: Modem status interrupt mask
logic 0
⇒ Disable the modem status interrupt.
logic 1
⇒ Enable the modem status interrupt.
IER[4]: Sleep mode
logic 0
⇒ Disable sleep mode.
logic 1
⇒ Enable sleep mode whereby the internal clock
of the channel is switched off.
Sleep mode is described in section 6.6.4.
IER[5]: Special character interrupt mask or alternate
sleep mode
9-bit data framing mode:
logic 0
⇒ Disable the special character receive interrupt.
logic 1
⇒ Enable the special character receive interrupt.
In 9-bit data mode, The receiver can detect up to four
special characters programmed in Special Character 1 to
4. When IER[5] is set, a level 5 interrupt is asserted when a
match is detected.
650/950 modes (non-9-bit data framing):
logic 0
⇒ Disable the special character receive interrupt.
logic 1
⇒ Enable the special character receive interrupt.
In 16C650 compatible mode when the device is in
Enhanced mode (EFR[4]=1), this bit enables the detection
of special characters. It enables both the detection of
XOFF characters (when in-band flow control is enabled via
EFR[3:0]) and the detection of the XOFF2 special
character (when enabled via EFR[5]).
750 mode (non-9-bit data framing):
logic 0
⇒ Disable alternate sleep mode.
logic 1
⇒ Enable alternate sleep mode whereby the
internal clock of the channel is switched off.
In 16C750 compatible mode (i.e. non-Enhanced mode),
this bit is used an alternate sleep mode and has the same
effect as IER[4]. (See section 6.6.4)
IER[6]: RTS interrupt mask
logic 0
⇒ Disable the RTS interrupt.
logic 1
⇒ Enable the RTS interrupt.
This enable is only operative in Enhanced mode
(EFR[4]=1). In non-Enhanced mode, RTS interrupt is
permanently enabled.
IER[7]: CTS interrupt mask
logic 0
⇒ Disable the CTS interrupt.
logic 1
⇒ Enable the CTS interrupt.
This enable is only operative in Enhanced mode
(EFR[4]=1). In non-Enhanced mode, CTS interrupt is
permanently enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com