Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRB Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRB Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
39
Clock Configuration Modes
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1
The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a table
entry guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose of
illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not violate
the frequency rating of the user’s device. The minimum CPM frequency is 120 MHz. Minimum CPU frequency is
determined by the clock mode. For modes with a CPU multiplication factor <= 3, the minimum CPU frequency is 150
MHz for commercial temperature devices and 175 MHz for extended temperature devices. For modes with a CPU
multiplication factor >= 3.5: for Rev0.1 the minimum CPU frequency is 250 MHz; for RevA or later the minimum CPU
frequency is 150 MHz for commercial temperature devices and 175 MHz for extended temperature devices.
2
As shown in Table 15, PCI_MODCK determines the PCI clock frequency range. Refer to Table 20 for lower
configurations.
3
MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
4
CPM multiplication factor = CPM clock/PCI clock
5
CPU multiplication factor = Core PLL multiplication factor
Table 20. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2
Mode 3
PCI Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low High
Low
High
Low
High
Low
High
Default Modes (MODCK_H=0000)
0000_000
30.0
50.0
4
120.0 200.0
2.5
150.0 250.0
2
60.0
100.0
0000_001
25.0
50.0
4
100.0 200.0
3
150.0 300.0
2
50.0
100.0
0000_010
25.0
50.0
6
150.0 300.0
3
150.0 300.0
3
50.0
100.0
0000_011
25.0
50.0
6
150.0 300.0
4
200.0 400.0
3
50.0
100.0
0000_100
25.0
50.0
6
150.0 300.0
3
180.0 360.0
2.5
60.0
120.0
0000_101
25.0
50.0
6
150.0 300.0
3.5
210.0 420.0
2.5
60.0
120.0
0000_110
25.0
50.0
8
200.0 400.0
3.5
233.3 466.7
3
66.7
133.3
0000_111
25.0
50.0
8
200.0 400.0
3
240.0 480.0
2.5
80.0
160.0
Full Configuration Modes
0001_001
30.0
50.0
4
120.0 200.0
5
150.0 250.0
4
30.0
50.0
0001_010
25.0
50.0
4
100.0 200.0
6
150.0 300.0
4
25.0
50.0
0001_011
25.0
50.0
4
100.0 200.0
7
175.0 350.0
4
25.0
50.0
Table 19. Clock Configurations for PCI Agent Mode (PCI_MODCK=0) 1, 2 (continued)
Mode 3
PCI Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com