Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRB Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRB Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
7
Operating Conditions
– Supports T1, CEPT, T1/E1, T3/E3, pulse code modulation highway, ISDN basic rate, ISDN primary
rate, Freescale interchip digital link (IDL), general circuit interface (GCI), and user-defined TDM
serial interfaces
— Eight independent baud rate generators and 20 input clock pins for supplying clocks to FCCs, SCCs,
SMCs, and serial channels
— Four independent 16-bit timers that can be interconnected as two 32-bit timers
•
Inverse multiplexing for ATM capabilities (IMA) (MPC8280 only).Supported by eight transfer transmission
convergence (TC) layers between the TDMs and FCC2.
•
Transmission convergence (TC) layer (MPC8280 only)
2
Operating Conditions
Table 3 shows the maximum electrical ratings.
Table 4 lists recommended operational voltage conditions.
Table 3. Absolute Maximum Ratings 1
1
Absolute maximum ratings are stress ratings only; functional operation (see Table 4) at the maximums is not
guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage.
Rating
Symbol
Value
Unit
Core supply voltage 2
2
Caution: VDD/VCCSYN must not exceed VDDH by more than 0.4 V during normal operation. It is recommended
that VDD/VCCSYN should be raised before or simultaneous with VDDH during power-on reset. VDD/VCCSYN may
exceed VDDH by more than 0.4 V during power-on reset for no more than 100 ms.
VDD
-0.3 – 2.25
V
PLL supply voltage2
VCCSYN
-0.3 – 2.25
V
I/O supply voltage 3
3
Caution: VDDH can exceed VDD/VCCSYN by 3.3 V during power on reset by no more than 100 mSec. VDDH
should not exceed VDD/VCCSYN by more than 2.5 V during normal operation.
VDDH
-0.3 – 4.0
V
Input voltage 4
4
Caution: VIN must not exceed VDDH by more than 2.5 V at any time, including during power-on reset.
VIN
GND(-0.3) – 3.6
V
Junction temperature
Tj
120
°C
Storage temperature range
TSTG
(-55) – (+150)
°C
Table 4. Recommended Operating Conditions 1
1
Caution: These are the recommended and tested operating conditions. Proper operation outside of these conditions
is not guaranteed.
Rating
Symbol
Value
Unit
Core supply voltage
VDD
1.45 – 1.60
V
PLL supply voltage
VCCSYN
1.45 – 1.60
V
I/O supply voltage
VDDH
3.135 – 3.465
V
Input voltage
VIN
GND (-0.3) – 3.465
V
Junction temperature (maximum)
Tj
105 2
2
Note that for extended temperature parts the range is (-40)T
A
– 105Tj.
°C
Ambient temperature
TA
0–702
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com